Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 67 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 67 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 63Page - Dallas Semiconductor DS3134 Datasheet HTML 64Page - Dallas Semiconductor DS3134 Datasheet HTML 65Page - Dallas Semiconductor DS3134 Datasheet HTML 66Page - Dallas Semiconductor DS3134 Datasheet HTML 67Page - Dallas Semiconductor DS3134 Datasheet HTML 68Page - Dallas Semiconductor DS3134 Datasheet HTML 69Page - Dallas Semiconductor DS3134 Datasheet HTML 70Page - Dallas Semiconductor DS3134 Datasheet HTML 71Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 203 page
background image
DS3134
67 of 203
Receive V.54 Search Routine Table 5.4A
Step #1: Set Up the Channel Search
The Host will determine in which DS0 channels the V.54 search is to take place by configuring the RV54
bit in the R[n]CFG[j] register. If this search sequence does not detect the V.54 pattern, then the Host can
pick some new DS0 channels and try again.
Step #2: Toggle VRST
Once the DS0 channels have been set, the Host will toggle the VRST bit in the RP[n]CR register and
begin monitoring the SLBP status bit.
Step #3: Wait for SLBP
The SLBP status bit reports any change of state in the V.54 search process. It can also generate a
hardware interrupt, see Section 4 for more details.
When SLBP is set, then the Host knows that
something significant has occurred and that it should read the VLB and VTO real time status bits in the
RP[n]CR register.
Step #4: Read VTO & VLB
If VTO = 1, then the V.54 pattern did not appear in this set of channels and the Host can now reconfigure
the search in other DS0 channels and hence move back to Step #1.
If VLB = 1, then the V.54 loop up pattern has been detected and the channel should be placed into
loopback. A loopback can be invoked by the Host by configuring the CNLB bit in the T[n]CFG[j]
register for each DS0 channel that needs to be placed into loopback. Move back to Step #3.
If VLB = 0, if the DS0 channels are already in loopback, then the Host will monitor VLB to know when
the loop down pattern has been detected and hence when to take the channels out of loopback. The DS0
channels are taken out of loopback by again configuring the CNLB bits. Move on to Step #1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com