Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 6Page - Dallas Semiconductor DS3134 Datasheet HTML 7Page - Dallas Semiconductor DS3134 Datasheet HTML 8Page - Dallas Semiconductor DS3134 Datasheet HTML 9Page - Dallas Semiconductor DS3134 Datasheet HTML 10Page - Dallas Semiconductor DS3134 Datasheet HTML 11Page - Dallas Semiconductor DS3134 Datasheet HTML 12Page - Dallas Semiconductor DS3134 Datasheet HTML 13Page - Dallas Semiconductor DS3134 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 203 page
background image
DS3134
10 of 203
DATA SHEET DEFINITIONS Table 1B
Acronym
Or Term
Definition
BERT
Bit Error Rate Tester.
Descriptor
A message passed back and forth between the DMA and the Host.
Dword
Double Word. A 32-bit data entity.
DMA
Direct Memory Access.
FIFO
First In First Out. Temporary memory storage scheme.
HDLC
High level Data Link Control.
Host
The main controller that resides on the PCI Bus.
n/a
Not Assigned.
V.54
A pseudorandom pattern used to control loopbacks (see ANSI T1.403)
GOVERNING SPECIFICATIONS Table 1C
ANSI (American National Standards Institute) T1.403-1995 Network-to-Customer Installation DS1
Metallic Interface March 21, 1995.
PCI Local Bus Specification V2.1 June 1, 1995.
GENERAL DESCRIPTION
The Layer One Block handles the physical input and output of serial data to and from the DS3134. The
DS3134 is capable of handling up to 64 T1 or E1 data streams or 2 T3 data streams. Each of the 16
physical ports can handle up to two or four T1 or E1 data streams. Section 14 contains some examples of
how this is performed. The Layer One Block prepares the incoming data for the HDLC Block and grooms
data from the HDLC Block for transmission. The block has the ability to perform both channelized and
unchannelized loopbacks as well as search for V.54 loop patterns. It is in the Layer One Block that the
Host will enable HDLC channels and assign them to a particular port and/or DS0 channel(s). The Host
assigns HDLC channels via the R[n]CFG[j] and T[n]CFG[j] registers, which are described in Section 5.3.
The Layer One Block interfaces directly to the Bit Error Rate Tester (BERT) Block. The BERT Block
can generate and detect both pseudorandom and repeating bit patterns and it is used to test and stress data
communication links.
The HDLC Block consists of two types of HDLC controllers. There are 16 Slow HDLC Engines (one for
each port) that are capable of operating at speeds up to 8.192 Mbps in channelized mode and up to
10 Mbps in unchannelized mode. There are also two Fast HDLC Engines, which only reside on Ports 0
and 1 and they are capable of operating at speeds up to 52 Mbps. Via the RP[n]CR and TP[n]CR
registers in the Layer One Block, the Host will configure Port 0 and 1 to use either the Slow or the Fast
HDLC engine. The HDLC Engines perform all of the Layer 2 processing which include, zero stuffing
and destuffing, flag generation and detection, CRC generation and checking, abort generation and
checking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com