Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 10Page - Dallas Semiconductor DS3134 Datasheet HTML 11Page - Dallas Semiconductor DS3134 Datasheet HTML 12Page - Dallas Semiconductor DS3134 Datasheet HTML 13Page - Dallas Semiconductor DS3134 Datasheet HTML 14Page - Dallas Semiconductor DS3134 Datasheet HTML 15Page - Dallas Semiconductor DS3134 Datasheet HTML 16Page - Dallas Semiconductor DS3134 Datasheet HTML 17Page - Dallas Semiconductor DS3134 Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 203 page
background image
DS3134
14 of 203
INITIALIZATION
On a system reset (which can be invoked by either hardware action via the PRST* signal or software
action via the RST control bit in the Master Reset and ID register), all of the internal device configuration
register are set to zero (0000h). Please note that the Local Bus Bridge Mode Control register (LBBMC) is
not affected by software invoked system reset, it will be forced to all zeros only by hardware reset. The
internal registers within that are accessed indirectly (these are listed as "indirect registers" in the data
sheet and consist of the Channelized Port registers in the Layer One Block, the DMA Configuration
RAMs, the HDLC Configuration registers, and the FIFO registers) are not affected by a system reset and
they must be configured on power-up by the Host to a proper state. Figure 1B lists the ordered steps to
initialize the DS3134.
Note:
After device power up and reset, it takes 0.625 mS to get a port up and operating. In other words, the
ports must have wait a minimum of 0.625 mS before packet data can be processed.
INITIALIZATION STEPS Figure 1B
Initialization Step
Comments
1. Initialize the PCI Configuration
Registers
Achieved by asserting the PIDSEL signal.
2. Initialize All Indirect Registers
It is recommended that all of the indirect
registers be set to 0000h. See Table 1E.
3. Configure the Device for Operation
Program all the necessary registers, which
includes the Layer One, HDLC, FIFO, and
DMA registers.
4. Enable the HDLC Channels
Done via the RCHEN and TCHEN bits in
the R[n]CFG[j] and T[n]CFG[j] registers.
5. Load the DMA Descriptors
Indicate to the DMA where packet data can
be written and where pending data (if any)
resides
6. Enable the DMAs
Done via the RDE and TDE control bits in
the Master Configuration (MC) register.
7. Enable DMA for each HDLC Channel
Done via the Channel Enable bit in the
Receive & Transmit Configuration RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com