Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 25 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 25 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 21Page - Dallas Semiconductor DS3134 Datasheet HTML 22Page - Dallas Semiconductor DS3134 Datasheet HTML 23Page - Dallas Semiconductor DS3134 Datasheet HTML 24Page - Dallas Semiconductor DS3134 Datasheet HTML 25Page - Dallas Semiconductor DS3134 Datasheet HTML 26Page - Dallas Semiconductor DS3134 Datasheet HTML 27Page - Dallas Semiconductor DS3134 Datasheet HTML 28Page - Dallas Semiconductor DS3134 Datasheet HTML 29Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 203 page
background image
DS3134
25 of 203
Signal Name:
LA0 to LA19
Signal Description:
Local Bus Non-Multiplexed Address Bus
Signal Type:
Input / Output (tri-state capable)
In the PCI Bridge Mode (LMS = 0), these signals are outputs that will be asserted on the rising edge of
LCLK to indicate which address to be written to or read from. These signals will be tri-stated when the
Local Bus is not currently involved in a bus transaction and driven when a bus transaction is active. In the
Configuration Mode (LMS = 1), these signals are inputs and only the bottom 16 (LA[15:0]) are active, the
upper four (LA[19:16]) are ignored and should be tied low. These signals will be sampled on the rising
edge of LCLK to determine the internal device configuration register that the external host wishes to
access.
Signal Name:
LWR* (LR/W*)
Signal Description:
Local Bus Write Enable (Local Bus Read/Write Select)
Signal Type:
Input / Output (tri-state capable)
In the PCI Bridge Mode (LMS = 0), this output signal is asserted on the rising edge of LCLK. In Intel
Mode (LIM = 0) it will be asserted when data is to be written to the Local Bus. In Motorola Mode (LIM
= 1), this signal will determine whether a read or write is to occur. If bus arbitration is enabled via the
Local Bus Arbitration (LARBE) control bit in the Local Bus Bridge Mode Control Register (LBBMC),
then this signal will be tri-stated when the Local Bus is not currently involved in a bus transaction and
driven when a bus transaction is active. When bus arbitration is disabled, this signal is always driven. In
the Configuration Mode (LMS = 1), this signal is sampled on the rising edge of LCLK. In Intel Mode
(LIM = 0) it will determine when data is to be written to the device. In Motorola Mode (LIM = 1), this
signal will be used to determine whether a read or write is to occur.
Signal Name:
LRD* (LDS*)
Signal Description:
Local Bus Read Enable (Local Bus Data Strobe)
Signal Type:
Input / Output (tri-state capable)
In the PCI Bridge Mode (LMS = 0), this active low output signal is asserted on the rising edge of LCLK.
In Intel Mode (LIM = 0) it will be asserted when data is to be read from the Local Bus. In Motorola Mode
(LIM = 1), the rising edge will be used to write data into the slave device. If bus arbitration is enabled via
the Local Bus Arbitration (LARBE) control bit in the Local Bus Bridge Mode Control Register
(LBBMC), then this signal will be tri-stated when the Local Bus is not currently involved in a bus
transaction and driven when a bus transaction is active. When bus arbitration is disabled, this signal is
always driven. In the Configuration Mode (LMS = 1), this signal is an active low input which is sampled
on the rising edge of LCLK. In Intel Mode (LIM = 0) it will determine when data is to be read from the
device. In Motorola Mode (LIM = 1), the rising edge will be used to write data into the device.
Signal Name:
LINT*
Signal Description:
Local Bus Interrupt
Signal Type:
Input / Output (open drain)
In the PCI Bridge Mode (LMS = 0), this active low signal is an input which sampled on the rising edge of
LCLK. If asserted and unmasked, this signal will cause an interrupt at the PCI bus via the PINTA*
signal. If not used in the PCI Bridge Mode, this signal should be tied high. In the Configuration Mode
(LMS = 1) this signal is an open drain output which will be forced low if one or more unmasked interrupt
sources within the device is active. The signal will remain low until the interrupt is either serviced or
masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com