Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 9Page - Dallas Semiconductor DS3134 Datasheet HTML 10Page - Dallas Semiconductor DS3134 Datasheet HTML 11Page - Dallas Semiconductor DS3134 Datasheet HTML 12Page - Dallas Semiconductor DS3134 Datasheet HTML 13Page - Dallas Semiconductor DS3134 Datasheet HTML 14Page - Dallas Semiconductor DS3134 Datasheet HTML 15Page - Dallas Semiconductor DS3134 Datasheet HTML 16Page - Dallas Semiconductor DS3134 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 203 page
background image
DS3134
13 of 203
DS3134 RESTRICTIONS FOR REV B1/B2 SILICON Table 1D
Port
maximum of 16 channelized and unchannelized physical ports
Unchannelized
ports 0 & 1: maximum data rate of 52 Mbps
port 2 to 15: maximum data rate of 10 Mbps
Channelized
Channelized and with frame interleave interfaces or a minimum of
two/multiple of two consecutive DS0 time slot assigned to one
HDLC channel:
40 T1/E1 channels
Channelized
Channelized and with byte interleave interfaces:
32 T1/E1 channels
Throughput
maximum receive: 104 Mbps
maximum transmit: 104 Mbps
HDLC
maximum of 256 channels
if the Fast HDLC Engine on Port 0 is being used, then it must be
HDLC Channel 1*
if the Fast HDLC Engine on Port 1 is being used, then it must be
HDLC Channel 2*
* The 256 HDLC channels within the device are numbered from 1 to 256.
INTERNAL DEVICE CONFIGURATION REGISTERS
All of the internal device configuration registers (with the exception of the PCI Configuration Registers
which are 32-bit registers) are 16 bits wide and they are not byte addressable. When the Host on the PCI
Bus accesses these registers, the particular combination of byte enables (i.e. PCBE* signals) is not
important but at least one of the byte enables must be asserted for a transaction to occur. All the registers
are read/write registers unless otherwise noted. Not assigned bits (identified as n/a in the data sheet)
should be set to zero when written to allow for future upgrades to the device. These bits have no meaning
and could be either zero or one when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com