Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 53 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 53 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 49Page - Dallas Semiconductor DS3134 Datasheet HTML 50Page - Dallas Semiconductor DS3134 Datasheet HTML 51Page - Dallas Semiconductor DS3134 Datasheet HTML 52Page - Dallas Semiconductor DS3134 Datasheet HTML 53Page - Dallas Semiconductor DS3134 Datasheet HTML 54Page - Dallas Semiconductor DS3134 Datasheet HTML 55Page - Dallas Semiconductor DS3134 Datasheet HTML 56Page - Dallas Semiconductor DS3134 Datasheet HTML 57Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 203 page
background image
DS3134
53 of 203
Each port contains a Layer One State Machine, which connects directly to the Slow HDLC Engine. The
Layer One State Machine prepares the raw incoming data for the Slow HDLC Engine and grooms the
outgoing data from the Slow HDLC Engine. The Layer One State Machine performs a number of tasks,
which include:
- Assigning the HDLC channel number to the incoming & outgoing data
- Channelized Local and Network loopbacks
- Channelized selection of 64 kbps, 56 kbps, or no data
- Channelized transmits DS0 channel fill of all ones
-
Routing data to and from the BERT function
-
Routing data to the V.54 loop pattern detector.
The DS3134 has a set of three registers per DS0 channel for each port, which determine how each DS0
channel will be configured. These three registers are defined in Section 5.3. If the Fast (52 Mbps) HDLC
Engine is enabled on Port 0, then HDLC Channel 1 is assigned to it and likewise HDLC Channel 2 will
be assigned to the Fast HDLC Engine on Port 2 if it is enabled.
The DS3134 contains an onboard full-featured Bit Error Rate Tester (BERT) function, which is capable
of generating and detecting both pseudorandom and repeating serial bit patterns.
The BERT function is
a shared resource among the 16 ports on the DS3134 and it can only be assigned to one port at a time.
The BERT function can be used in both channelized and unchannelized applications and at speeds up to
52 MHz. In channelized applications, data can be routed to and from any combination of DS0 channels
that are being used on the port. The details on the BERT function are covered in Section 5.5.
The Layer 1 Block also contains a V.54 detector. Each of the 16 ports within the DS3134 contains a V.54
loop pattern detector on the receive side. The device can search for the V.54 loop up and down patterns
in both channelized and unchannelized applications at speeds up to 10 MHz. In channelized applications,
the device can be configured to search for the patterns in any combination of DS0 channels. Section 5.4
describes all of the details on the V.54 detector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com