Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 39 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 39 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 35Page - Dallas Semiconductor DS3134 Datasheet HTML 36Page - Dallas Semiconductor DS3134 Datasheet HTML 37Page - Dallas Semiconductor DS3134 Datasheet HTML 38Page - Dallas Semiconductor DS3134 Datasheet HTML 39Page - Dallas Semiconductor DS3134 Datasheet HTML 40Page - Dallas Semiconductor DS3134 Datasheet HTML 41Page - Dallas Semiconductor DS3134 Datasheet HTML 42Page - Dallas Semiconductor DS3134 Datasheet HTML 43Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 203 page
background image
DS3134
39 of 203
SECTION 4: GENERAL DEVICE CONFIGURATION & STATUS/INTERRUPT
4.1 MASTER RESET & ID REGISTER DESCRIPTION
The Master Reset & ID (MRID) register can be used to globally reset the device. When the RST bit is set
to one, all of the internal registers (except the PCI configuration registers) will be placed into their default
state, which is 0000h. The Host must set the RST bit back to zero before the device can be programmed
for normal operation. The RST bit does not force the PCI outputs to tri-state as does the hardware reset
which is invoked via the PRST* pin. A reset invoked by the PRST* pin will force the RST bit to zero as
well as the rest of the internal configuration registers.
See Section 1 for more details on device
initialization.
The upper byte of the MRID register is read only and it can be read by the Host to determine the chip
revision. Contact the factory for specifics on the meaning of the value read from the ID0 to ID7 bits.
Register Name:
MRID
Register Description: Master Reset and ID Register
Register Address:
0000h
76
5432
10
n/a
n/a
n/a
n/a
n/a
n/a
n/a
RST
15
14
13
12
11
10
9
8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.
Bit 0 / Master Software Reset (RST).
0 = normal operation
1 = force all internal registers (except LBBMC) to their default value of 0000h
Bits 8 to 15 / Chip Revision ID Bit 0 to 7 (ID0 to ID7). Read only. Contact the factory for details on
the meaning of the ID bits.
4.2 MASTER CONFIGURATION REGISTER DESCRIPTION
The Master Configuration (MC) register is used by the Host to enable the receive and transmit DMAs as
well as to control their PCI Bus bursting attributes and to select which port the BERT is to be dedicated
to.
Register Name:
MC
Register Description: Master Configuration Register
Register Address:
0010h
76
5432
10
BPS0
PBO
TDT1
TDT0
TDE
RDT1
RDT0
RDE
15
14
13
12
11
10
9
8
TFPC1
TFPC0
RFPC1
RFPC0
BPS4
BPS3
BPS2
BPS1
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com