Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 28 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 28 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 24Page - Dallas Semiconductor DS3134 Datasheet HTML 25Page - Dallas Semiconductor DS3134 Datasheet HTML 26Page - Dallas Semiconductor DS3134 Datasheet HTML 27Page - Dallas Semiconductor DS3134 Datasheet HTML 28Page - Dallas Semiconductor DS3134 Datasheet HTML 29Page - Dallas Semiconductor DS3134 Datasheet HTML 30Page - Dallas Semiconductor DS3134 Datasheet HTML 31Page - Dallas Semiconductor DS3134 Datasheet HTML 32Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 203 page
background image
DS3134
28 of 203
Signal Name:
JTMS
Signal Description:
JTAG IEEE 1149.1 Test Mode Select
Signal Type:
Input (with internal 10k pull up)
This signal is sampled on the rising edge of JTCLK and is used to place the test port into the various
defined IEEE 1149.1 states. If not used, this signal should be pulled high. This signal has an internal pull-
up.
2.5 PCI BUS SIGNAL DESCRIPTION
Signal Name:
PCLK
Signal Description:
PCI & System Clock
Signal Type:
Input (Schmitt triggered)
This clock input is used to provide timing for the PCI bus and to the internal logic of the device. A 25
MHz to 33 MHz clock with a nominal 50% duty cycle should be applied here.
Signal Name:
PRST*
Signal Description:
PCI Reset
Signal Type:
Input
This active low input is used to force an asynchronous reset to both the PCI bus and the internal logic of
the device. When forced low, this input forced all the internal logic of the device into its default state and
it forces the PCI outputs into tri-state and the TD[15:0] output port data signals high.
Signal Name:
PAD0 to PAD31
Signal Description:
PCI Address & Data Multiplexed Bus
Signal Type:
Input / Output (tri-state capable)
Both Address and Data information are multiplexed onto these signals. Each bus transaction consists of
an address phase followed by one or more data phases. Data can be either read or written in bursts.
During the first clock cycle of a bus transaction, the address is transferred. When the Little-Endian format
is selected, PAD[31:24] is the msb of the DWORD, when Big-Endian is selected, PAD[7:0] contain the
msb. When the device is an initiator, these signals are always outputs during the address phase. They
remain outputs for the data phase(s) in a write transaction and become inputs for a read transaction.
When the device is a target, these signals are always inputs during the address phase. They remain inputs
for the data phase(s) in a read transaction and become outputs for a write transaction. When the device is
not involved in a bus transaction, these signals remain tri-stated. These signals are always updated and
sampled on the rising edge of PCLK.
Signal Name:
PCBE0* / PCBE1* / PCBE2* / PCBE3*
Signal Description:
PCI Bus Command and Byte Enable
Signal Type:
Input / Output (tri-state capable)
Bus Command and Byte Enables are multiplexed onto the same PCI signals. During an address phase,
these signals define the Bus Command. During the data phase, these signals as used as Bus Enables.
During data phases, PCBE0 refers to the PAD[7:0] and PCBE3 refers to PAD[31:24]. When this signal is
high, the associated byte is invalid, when low; the associated byte is valid. When the device is an
initiator, this signal is an output and is updated on the rising edge of PCLK. When the device is a target,
this signal is input and is sampled on the rising edge of PCLK. When the device is not involved in a bus
transaction, these signals are tri-stated.
Signal Name:
PPAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com