Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 89 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 89 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 85Page - Dallas Semiconductor DS3134 Datasheet HTML 86Page - Dallas Semiconductor DS3134 Datasheet HTML 87Page - Dallas Semiconductor DS3134 Datasheet HTML 88Page - Dallas Semiconductor DS3134 Datasheet HTML 89Page - Dallas Semiconductor DS3134 Datasheet HTML 90Page - Dallas Semiconductor DS3134 Datasheet HTML 91Page - Dallas Semiconductor DS3134 Datasheet HTML 92Page - Dallas Semiconductor DS3134 Datasheet HTML 93Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 203 page
background image
DS3134
89 of 203
Bits 0 to 7 / HDLC Channel ID (HCID0 to HCID7).
00000000 (00h) = HDLC Channel Number 1
11111111 (FFh) = HDLC Channel Number 256
Bit 14 / Indirect Access Read/Write (IARW). When the host wishes to write data to set the internal
Receive Starting Block Pointer, this bit should be written to a zero by the host. This causes the device to
take the data that is currently present in the RFSBP register and write it to the channel location indicated
by the HCID bits. When the device has completed the write, the IAB will be set to zero.
Note: The RFSBP is a write only register. Once this register has been written to and operation started,
DS3134 internal state machine will change the value in this register.
Bit 15 / Indirect Access Busy (IAB). When an indirect read or write access is in progress, this read only
bit will be set to a one. During a read operation, this bit will be set to a one until the data is ready to be
read. It will be set to zero when the data is ready to be read. During a write operation, this bit will be set
to a one while the write is taking place. It will be set to zero once the write operation has completed.
Register Name:
RFSBP
Register Description: Receive FIFO Starting Block Pointer
Register Address:
0904h
76
5432
10
RSBP7
RSBP6
RSBP5
RSBP4
RSBP3
RSBP2
RSBP1
RSBP0
15
14
13
12
11
10
9
8
n/a
n/a
n/a
n/a
n/a
n/a
RSBP9
RSBP8
Note: Bits that are underlined are read only, all other bits are read-write.
Bits 0 to 9 / Starting Block Pointer (RSBP0 to RSBP9).
These 10 bits determine which of the
1024 blocks within the receive FIFO, the host wants the device to configure as the starting block for a
particular HDLC channel. Any of the blocks within a chain of blocks for a HDLC channel can be
configured as the starting block. When these 10 bits are read, they will report the current Block Pointer
being used to write data into the Receive FIFO from the HDLC Layer 2 engines.
0000000000 (000h) = Use Block 0 as the Starting Block
0111111111 (1FFh) = Use Block 511 as the Starting Block
1111111111 (3FFh) = Use Block 1023 as the Starting Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com