Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 68 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 68 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 64Page - Dallas Semiconductor DS3134 Datasheet HTML 65Page - Dallas Semiconductor DS3134 Datasheet HTML 66Page - Dallas Semiconductor DS3134 Datasheet HTML 67Page - Dallas Semiconductor DS3134 Datasheet HTML 68Page - Dallas Semiconductor DS3134 Datasheet HTML 69Page - Dallas Semiconductor DS3134 Datasheet HTML 70Page - Dallas Semiconductor DS3134 Datasheet HTML 71Page - Dallas Semiconductor DS3134 Datasheet HTML 72Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 203 page
background image
DS3134
68 of 203
Receive V.54 Host Algorithm Figure 5.4A
Set Up the
DS0 Channel
Search
Toggle VRST
Wait for
SLBP = 1
VTO = 1?
Place DS0
Channels into
Loopback
Yes
No
Wait for
SLBP = 1
Take DS0
Channels out
of Loopback
v54host
SLBP is a status bit that is reported
in the SV54 register (see Section 4.3)
VRST is a control bit that is in the Receive
Port Control Register (see Section 5.2)
VTO is a status bit that is in the Receive
Port Control Register (see Section 5.2)
SLBP is a status bit that is reported
in the SV54 register (see Section 4.3)
DS0 channels can be configured to search
for the V.54 loop pattern via the Receive
Layer 1 Configuration Register (see Section 5.3)
NOTES
ALGORITHM
DS0 channels can be placed into loopback
via the Receive Layer 1 Configuration Register
(see Section 5.3)
DS0 channels can be taken out of loopback
via the Receive Layer 1 Configuration Register
(see Section 5.3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com