Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 60 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 60 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 56Page - Dallas Semiconductor DS3134 Datasheet HTML 57Page - Dallas Semiconductor DS3134 Datasheet HTML 58Page - Dallas Semiconductor DS3134 Datasheet HTML 59Page - Dallas Semiconductor DS3134 Datasheet HTML 60Page - Dallas Semiconductor DS3134 Datasheet HTML 61Page - Dallas Semiconductor DS3134 Datasheet HTML 62Page - Dallas Semiconductor DS3134 Datasheet HTML 63Page - Dallas Semiconductor DS3134 Datasheet HTML 64Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 203 page
background image
DS3134
60 of 203
5.3 LAYER ONE CONFIGURATION REGISTER DESCRIPTION
There are three configuration registers for each DS0 channel on each port. These three registers are
shown in Figure 5.3A. As shown in Figure 5.1A, each of the 16 ports contains a PORT RAM, this
controls the Layer One State Machine. These 384 registers (three registers x 128 DS0 channels per port)
make up the PORT RAM for each port and they control and provide access to the Layer One State
Machine. These registers are accessed indirectly via the Channelized Port Register Data (CP[n]RD)
register. The Host must first write to the Channelized Port Register Data Indirect Select (CP[n]RDIS)
register to chose which DS0 channel and which channelized PORT RAM that it wishes to configure or
read. On power-up, the Host must write to all of the used R[n]CFG[j] and T[n]CFG[j] locations to make
sure that they are set into a known state.
LAYER ONE REGISTER SET Figure 5.3A
C[n]DAT[j]: Channelized DS0 Data
lsb
RDATA(8): Receive DS0 Data
msb
TDATA(8): Transmit DS0 Data
R[n]CFG[j]: Receive Configuration
lsb
RCH#(8): Receive HDLC Channel Number
msb
RCHEN
RBERT
n/a
RV54
n/a
CLLB
n/a
R56
T[n]CFG[j]: Transmit Configuration
lsb
TCH#(8): Transmit HDLC Channel Number
msb
TCHEN
TBERT
n/a
n/a
CNLB
n/a
TFAO
T56
Register Name:
CP[n]RDIS where n = 0 to 15 for each Port
Register Description: Channelized Port [n] Register Data Indirect Select
Register Address:
See the Register Map in Section 3
76
5432
10
n/a
CHID6
CHID5
CHID4
CHID3
CHID2
CHID1
CHID0
15
14
13
12
11
10
9
8
IAB
IARW
n/a
n/a
n/a
n/a
CPRS1
CPRS0
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.
Bits 0 to 6 / DS0 Channel ID (CHID0 to CHID6). The number of DS0 channels used depends on
whether the port has been configured for an unchannelized application or for a channelized application
and if set for a channelized application, then whether the port has been configured in the T1, E1, 4.096
MHz, or 8.192 MHz mode.
0000000 (00h) = DS0 Channel Number 0
1111111 (7Fh) = DS0 Channel Number 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com