Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 61 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 61 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 57Page - Dallas Semiconductor DS3134 Datasheet HTML 58Page - Dallas Semiconductor DS3134 Datasheet HTML 59Page - Dallas Semiconductor DS3134 Datasheet HTML 60Page - Dallas Semiconductor DS3134 Datasheet HTML 61Page - Dallas Semiconductor DS3134 Datasheet HTML 62Page - Dallas Semiconductor DS3134 Datasheet HTML 63Page - Dallas Semiconductor DS3134 Datasheet HTML 64Page - Dallas Semiconductor DS3134 Datasheet HTML 65Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 203 page
background image
DS3134
61 of 203
Port Mode
DS0 Channels
Available
Unchannelized Mode (RUEN/TUEN = 1)
0
Channelized T1 Mode (RUEN/TUEN = 0 & RSS0/TSS0 = 0 & RSS1/TSS1 = 0)
0 to 23
Channelized E1 Mode (RUEN/TUEN = 0 & RSS0/TSS0 = 1 & RSS1/TSS1 = 0)
0 to 31
Channelized 4.096 MHz Mode (RUEN/TUEN = 0 & RSS0/TSS0 = 0 &
RSS1/TSS1 = 1)
0 to 63
Channelized 8.192 MHz Mode (RUEN/TUEN = 0 & RSS0/TSS0 = 1 &
RSS1/TSS1 = 1)
0 to 127
Bit 8 / Channelized PORT RAM Select Bit 0 (CPRS0).
Bit 9 / Channelized PORT RAM Select Bit 1 (CPRS1).
00 = Channelized DS0 Data (C[n]DAT[j])
01 = Receive Configuration (R[n]CFG[j])
10 = Transmit Configuration (T[n]CFG[j])
11 = illegal selection
Bit 14 / Indirect Access Read/Write (IARW). When the host wishes to read data from the internal
Channelized PORT RAM, this bit should be written to a one by the host. This causes the device to begin
obtaining the data from the DS0 channel location indicated by the CHID bits and the PORT RAM
indicated by the CPRS0 and CPRS1 bits. During the read access, the IAB bit will be set to one. Once the
data is ready to be read from the CP[n]RD register, the IAB bit will be set to zero. When the host wishes
to write data to the internal Channelized PORT RAM, this bit should be written to a zero by the host.
This causes the device to take the data that is currently present in the CP[n]RD register and write it to the
PORT RAM indicated by the CPRS0 and CPRS1 bits and the DS0 channel indicated by the CHID bits.
When the device has completed the write, the IAB will be set to zero.
Bit 15 / Indirect Access Busy (IAB). When an indirect read or write access is in progress, this read only
bit will be set to a one. During a read operation, this bit will be set to a one until the data is ready to be
read. It will be set to zero when the data is ready to be read. During a write operation, this bit will be set
to a one while the write is taking place. It will be set to zero once the write operation has completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com