Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS3134 Datasheet HTML 1Page - Dallas Semiconductor DS3134 Datasheet HTML 2Page - Dallas Semiconductor DS3134 Datasheet HTML 3Page - Dallas Semiconductor DS3134 Datasheet HTML 4Page - Dallas Semiconductor DS3134 Datasheet HTML 5Page - Dallas Semiconductor DS3134 Datasheet HTML 6Page - Dallas Semiconductor DS3134 Datasheet HTML 7Page - Dallas Semiconductor DS3134 Datasheet HTML 8Page - Dallas Semiconductor DS3134 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 203 page
background image
DS3134
3 of 203
REVISION HISTORY
Version 1 (1/30/98)
Original release.
Version 2 (4/4/98)
1.
Assigned signals to leads (Section 2.1).
2.
Added more information to Sections 1, 5, 7, and 10.
3.
Removed the P3VEN signal pin (Section 2.1 and 2.5).
4.
Added FIFO Priority Control bits to the MC register (Section 4.2).
5.
Added Abort and Bit Stuffing Control bits to the RHCD and THCD registers (Section 6.2).
6.
Changed the Absolute Maximum Voltage Rating and IOH numbers (Section 12).
7.
Changed the Low Water Mark definition (Section 7.1).
8.
Added Section 14 on Applications.
Version 3 (6/22/98)
1. Corrected JTRST* lead from V19 to U19 (Section 2.1).
2. Added TEST lead at C3 (Section 2.1).
3. Added the Valid Receive Done Queue Descriptor bit (Section 8.1.4).
4. Corrected JTAG Device Code from 0000614Ch to 00006143h (Section 11.3).
5. Changed the order of the TABTE & TZSD bits in the THCD Register (Section 6.2).
6. Added JTAG Scan Control Information into Table 11.4A (Section 11.4).
7. Added Minimum Grant & Maximum Latency Settings to PINTL0 (Section 9.2).
8. Remove the HDLC channel restriction that required channels 1 to 128 to be assigned to ports 0 to 7
and HDLC channels 129 to 256 to be assigned to port 8 to 15 (Sections 1, 5.1, 5.3 and 6.1).
Version 4 (11/18/98)
1.
Added information about queues full and empty states (Sections 8.1.3, 8.1.4, 8.2.3, and 8.2.4).
2.
Changed BERT ones and zeros detector from 32 consecutive to 31 consecutive (Section 5.6).
3.
Changed BERT Bit and Error Counters to count during loss of receive synchronization (Section 5.6).
4.
Corrected Table 1E (Section 1).
5.
Added bit numbers to register descriptions.
6.
Changed Local Bus Configuration Mode AC Timing Parameter A7 from 5ns to 40ns. (Section 12).
Version 5 (09/01/99)
1. Typos corrections and add clarifications.(Section 2.5, 3.5, 4.4, 5.3, 5.5, 5.6, 6.2, 7.1, 8.1.1, 8.2.3)
2. Change the number of T1/E1 support from 64 to 56 due to design over sight (Section 1)
3. Added clarifications for Receive High Water Mark and corrected Transmit Low Water Mark to a
value from 1 to smaller or equal to N –2, where N = the number of linked blocks.
4. Removed bit 1 of the RDMAQ register, this function is automatically implemented. Please refer to
section 8.1.3 (page 90)
5. Figure 10.3A signal LRD* is moved back one LCLK cycle to align with the rising edge of LCLK #1.
6. Figure 103B signal LWR* is moved back one LCLK cycle to align with the rising edge of LCLC #1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com