Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 84 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 84 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 80Page - Dallas Semiconductor DS3134 Datasheet HTML 81Page - Dallas Semiconductor DS3134 Datasheet HTML 82Page - Dallas Semiconductor DS3134 Datasheet HTML 83Page - Dallas Semiconductor DS3134 Datasheet HTML 84Page - Dallas Semiconductor DS3134 Datasheet HTML 85Page - Dallas Semiconductor DS3134 Datasheet HTML 86Page - Dallas Semiconductor DS3134 Datasheet HTML 87Page - Dallas Semiconductor DS3134 Datasheet HTML 88Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 203 page
background image
DS3134
84 of 203
Register Name:
THCD
Register Description: Transmit HDLC Channel Definition
Register Address:
0484h
76
5432
1
0
TABTE
TCFCS
TBF
TID
TCRC1
TCRC0
TIFS
TTRANS
15
14
13
12
11
10
9
8
n/a
n/a
n/a
TZSD
TFG3
TFG2
TFG1
TFG0
Note: Bits that are underlined are read only, all other bits are read-write.
Bit 0 / Transmit Transparent Enable (TTRANS). When this bit is set low, the HDLC engine will
generate flags and the FCS (if enabled via TCRC0/1) and perform zero stuffing. When this bit is set high,
the HDLC engine does not generate flags or the FCS and does not perform zero stuffing.
0 = transparent mode disabled
1 = transparent mode enabled
Bit 1 / Transmit Interfill Select (TIFS).
0 = the interfill byte is 7Eh (01111110)
1 = the interfill byte is FFh (11111111)
Bit 2 & Bit 3 / Transmit CRC Selection (TCRC0/TCRC1). These 2 bits are ignored if the HDLC
channel is set into Transparent mode (TTRANS = 1).
TCRC1
TCRC0
Action
0
0
no CRC is generated
0
1
16-bit CRC (CCITT/ITU Q.921)
1
0
32-bit CRC
1
1
illegal state
Bit 4 / Transmit Invert Data Enable (TID). When this bit is set low, the outgoing HDLC packets are
not inverted after being generated. When this bit is set high, the HDLC engine inverts all the data (flags,
information fields, and FCS) after the packet has been generated.
0 = do not invert data
1 = invert all data (including flags and FCS)
Bit 5 / Transmit Bit Flip (TBF). When this bit is set low, the HDLC engine will obtain the first HDLC
bit to be transmitted from the lowest bit position of the PCI Bus bytes (i.e. PAD[0] / PAD[8] / PAD[16] /
PAD[24]). When this bit is set high, the HDLC engine will obtain the first HDLC bit to be transmitted
from the highest bit position of the PCI Bus bytes (i.e. PAD[7] / PAD[15] / PAD[23] / PAD[31]).
0 = the first HDLC bit transmitted is obtained from the lowest bit position of the bytes on the
PCI Bus
1 = the first HDLC bit transmitted is obtained from the highest bit position of the bytes on the
PCI Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com