Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 19Page - Dallas Semiconductor DS3134 Datasheet HTML 20Page - Dallas Semiconductor DS3134 Datasheet HTML 21Page - Dallas Semiconductor DS3134 Datasheet HTML 22Page - Dallas Semiconductor DS3134 Datasheet HTML 23Page - Dallas Semiconductor DS3134 Datasheet HTML 24Page - Dallas Semiconductor DS3134 Datasheet HTML 25Page - Dallas Semiconductor DS3134 Datasheet HTML 26Page - Dallas Semiconductor DS3134 Datasheet HTML 27Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 203 page
background image
DS3134
23 of 203
RS SAMPLED EDGE Table 2.2A
Normal RC Clock Mode
Inverted RC Clock Mode
0 RC Clock Early Mode
falling edge
rising edge
1/2 RC Clock Early Mode
rising edge
falling edge
1 RC Clock Early Mode
falling edge
rising edge
2 RC Clock Early Mode
falling edge
rising edge
Signal Name:
TC0 / TC1 / TC2 / TC3 / TC4 / TC5 / TC6 / TC7 / TC8 / TC9 / TC10 / TC11 /
TC12 / TC13 / TC14 / TC15
Signal Description:
Transmit Serial Clock
Signal Type:
Input
Data can be clocked out of the device either on rising edges (normal clock mode) or falling edges
(inverted clock mode) of TC. This is programmable on a per port basis. TC0 & TC1 can operate at
speeds up to 52 MHz. TC2 to TC15 can operate at speeds up to 10 MHz. If not used, should be tied low.
Signal Name:
TD0 / TD1 / TD2 / TD3 / TD4 / TD5 / TD6 / TD7 / TD8 / TD9 / TD10 / TD11 /
TD12 / TD13 / TD14 / TD15
Signal Description:
Transmit Serial Data
Signal Type:
Output
Can be updated either on the rising edge of TC (normal clock mode) or the falling edge of TC (inverted
clock mode). Data can be forced high.
Signal Name:
TS0 / TS1 / TS2 / TS3 / TS4 / TS5 / TS6 / TS7 / TS8 / TS9 / TS10 / TS11 /
TS12 / TS13 / TS14 / TS15
Signal Description:
Transmit Serial Data Synchronization Pulse
Signal Type:
Input
A one TC clock wide synchronization pulse that can be applied to the Chateau to force byte/frame
alignment. The applied sync signal pulse can be either active high (normal sync mode) or active low
(inverted sync mode). The TS signal can be sampled either on the falling edge or on rising edge of TC
(see Table 2.2B below for details). The applied sync pulse can be during the first TC clock period of a
193/256/512/1024 bit frame or it can be applied 1/2, 1, or 2 TC clocks early. This input sync signal resets
a counter that rolls over at a count of either 193 (T1 mode) or 256 (E1 mode) or 512 (4.096 MHz mode)
or 1024 (8.192 MHz mode) TC clocks. It is acceptable to only pulse the TS signal once to establish byte
boundaries and allow Chateau to keep track of the byte/frame boundaries by counting TC clocks. If the
incoming data does not require alignment to byte/frame boundaries, then this signal should be tied low.
TS SAMPLED EDGE Table 2.2B
Normal TC Clock Mode
Inverted TC Clock Mode
0 TC Clock Early Mode
falling edge
rising edge
1/2 TC Clock Early Mode
rising edge
falling edge
1 TC Clock Early Mode
falling edge
rising edge
2 TC Clock Early Mode
falling edge
rising edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com