Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 59 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 59 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 55Page - Dallas Semiconductor DS3134 Datasheet HTML 56Page - Dallas Semiconductor DS3134 Datasheet HTML 57Page - Dallas Semiconductor DS3134 Datasheet HTML 58Page - Dallas Semiconductor DS3134 Datasheet HTML 59Page - Dallas Semiconductor DS3134 Datasheet HTML 60Page - Dallas Semiconductor DS3134 Datasheet HTML 61Page - Dallas Semiconductor DS3134 Datasheet HTML 62Page - Dallas Semiconductor DS3134 Datasheet HTML 63Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 203 page
background image
DS3134
59 of 203
Bit 6 / Sync Select Bit 0 (TSS0).
Bit 7 / Sync Select Bit 1 (TSS1).
These 2 bits select the mode in which each port is to be operated. Each port can be configured to accept
24, 32, 64, or 128 DS0 channels at an 8 kHz rate. These bits are ignored if the port has been configured
to operate in an unchannelized fashion (TUEN = 1).
00 = T1 Mode (24 DS0 channels & 193 RC clocks in between TS sync signals)
01 = E1 Mode (32 DS0 channels & 256 RC clocks in between TS sync signals)
10 = 4.096 MHz Mode (64 DS0 channels & 512 RC clocks in between TS sync signals)
11 = 8.192 MHz Mode (128 DS0 channels & 1024 RC clocks in between TS sync signals)
Bit 8 / Port 0 High Speed Mode (TP0(1)HS). If enabled, the Port 0(1) Layer 1 State Machine logic is
defeated and TC0(1) and TD0(1) are routed to some dedicated high speed HDLC processing logic. Only
present in TP0CR and TP1CR. Bit 8 is not assigned in Ports 2 through 15.
0 = disabled
1 = enabled
Bit 9 / Unchannelized Enable (TUEN).
When enabled, this bit forces the port to operate in an
unchannelized fashion. When disabled, the port will operate in a channelized mode. This bit overrides
the Transmit Channel Enable (TCHEN) bit in the Transmit Layer 1 Configuration (T[n]CFG[j]) registers
which are described in Section 5.3.
0 = channelized mode
1 = unchannelized mode
Bit 10 / Unchannelized Network Loopback Enable (UNLB).
See Figure 5.1A for details.
This
loopback cannot be used for ports 0 & 1 when they are being operated at speeds greater than 10 MHz.
0 = loopback disabled
1 = loopback enabled
Bit 11 / Unchannelized BERT Select (TUBS). This bit is ignored if TUEN = 0. This bit overrides the
Transmit BERT (TBERT) bit in the Transmit Layer 1 Configuration (T[n]CFG[j]) registers which are
described in Section 5.3.
0 = source transmit data from the HDLC controller
1 = source transmit data from the BERT block
Bit 14 / Interrupt Enable for TCOFA (IETC).
0 = interrupt masked
1 = interrupt enabled
Bit 15 / COFA Status Bit (TCOFA). This latched read only status bit will be set if a Change Of Frame
Alignment is detected. A COFA is detected by sensing that a sync pulse has occurred during a clock
period that was not the first bit of the 193/256/512/1024 bit frame. This bit will be reset when read and it
will not be set again until another COFA has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com