Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 4Page - Dallas Semiconductor DS3134 Datasheet HTML 5Page - Dallas Semiconductor DS3134 Datasheet HTML 6Page - Dallas Semiconductor DS3134 Datasheet HTML 7Page - Dallas Semiconductor DS3134 Datasheet HTML 8Page - Dallas Semiconductor DS3134 Datasheet HTML 9Page - Dallas Semiconductor DS3134 Datasheet HTML 10Page - Dallas Semiconductor DS3134 Datasheet HTML 11Page - Dallas Semiconductor DS3134 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 203 page
background image
DS3134
8 of 203
DS3134 FEATURE LIST Table 1A
Layer Can Support Up to 64 T1 or E1 Data Streams or Two T3 Data Streams
One
16 Independent Physical Ports all Capable of Speeds Up to 10 MHz
Two of These Ports are also Capable of Speeds Up to 52 MHz
Each Port can be Independently Configured for Either Channelized or Unchannelized Operation
Each Physical Channelized Port can Handle One, Two, or Four T1 or E1 Data Streams
Supports N x 64 kbps and N x 56 kbps
Onboard V.54 Loopback Detector
Onboard BERT Generation and Detection
Per DS0 Channel Loopback in Both Directions
Unchannelized Loopbacks in Both Directions
HDLC 256 Independent Channels
104 Mbps throughput in both the Receive and Transmit Directions
Transparent Mode
Two Fast HDLC Controllers Capable of Operating Up to 52 MHz
Automatic Flag Detection and Generation
Shared Opening and Closing Flag
Interfame Fill
Zero Stuffing and Destuffing
CRC16/32 Checking and Generation
Abort Detection and Generation
CRC Error and Long/Short Frame Error Detection
Bit Flip
Invert Data
FIFO Large 16 kB Receive and 16 kB Transmit Buffers Maximize PCI Bus Efficiency
Small Block Size of 16 Bytes Allows Maximum Flexibility
Programmable Low and High Water Marks
Programmable HDLC Channel Priority Setting
DMA Efficient Scatter-Gather DMA Minimizes PCI Bus Accesses
Programmable Small and Large Buffer Sizes Up to 8191 Bytes & Algorithm Select
Descriptor Bursting to Conserve PCI Bus Bandwidth
Programmable Packet Storage Address Offset
Identical Receive & Transmit Descriptors Minimize Host Processing in Store-and-Forward
Automatic Channel Disabling and Enabling on Transmit Errors
Receive Packets are Timestamped
Transmit Packet Priority Setting
PCI
32-Bit 33 MHz
Bus
Version 2.1 Compliant
Contains Extension Signals that Allow Adoption to Custom Buses
Can Burst Up to 256 32-Bit Words to Maximize Bus Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com