Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 29 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 29 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 25Page - Dallas Semiconductor DS3134 Datasheet HTML 26Page - Dallas Semiconductor DS3134 Datasheet HTML 27Page - Dallas Semiconductor DS3134 Datasheet HTML 28Page - Dallas Semiconductor DS3134 Datasheet HTML 29Page - Dallas Semiconductor DS3134 Datasheet HTML 30Page - Dallas Semiconductor DS3134 Datasheet HTML 31Page - Dallas Semiconductor DS3134 Datasheet HTML 32Page - Dallas Semiconductor DS3134 Datasheet HTML 33Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 203 page
background image
DS3134
29 of 203
Signal Description:
PCI Bus Parity
Signal Type:
Input / Output (tri-state capable)
This signal provides information on even parity across both the PAD address/data bus and the PCBE bus
command/byte enable bus. When the device is an initiator, this signal is an output for writes and input for
reads and is updated on the rising edge of PCLK. When the device is a target, this signal is input for
writes and an output for reads and is sampled on the rising edge of PCLK. When the device is not
involved in a bus transaction, PPAR is tri-stated.
Signal Name:
PFRAME*
Signal Description:
PCI Cycle Frame
Signal Type:
Input / Output (tri-state capable)
This active low signal is created by the bus initiator and is used to indicate the beginning and duration of a
bus transaction. PFRAME* is asserted by the initiator during the first clock cycle of a bus transaction and
it will remain asserted until the last data phase of a bus transaction. When the device is an initiator, this
signal is an output and is updated on the rising edge of PCLK. When the device is a target, this signal is
input and is sampled on the rising edge of PCLK. When the device is not involved in a bus transaction,
PFRAME* is tri-stated.
Signal Name:
PIRDY*
Signal Description:
PCI Initiator Ready
Signal Type:
Input / Output (tri-state capable)
This active low signal is created by the initiator to signal the target that it is ready to send/accept or to
continue sending/accepting data.
This signal handshakes with the PTRDY* signal during a bus
transaction to control the rate at which data transfers across the bus. During a bus transaction, PIRDY* is
deasserted when the initiator cannot temporarily accept or send data and a wait state is invoked. When the
device is an initiator, this signal is an output and is updated on the rising edge of PCLK. When the device
is a target, this signal is input and is sampled on the rising edge of PCLK. When the device is not
involved in a bus transaction, PIRDY* is tri-stated.
Signal Name:
PTRDY*
Signal Description:
PCI Target Ready
Signal Type:
Input / Output (tri-state capable)
This active low signal is created by the target to signal the initiator that it is ready to send/accept or to
continue sending/accepting data. This signal handshakes with the PIRDY* signal during a bus transaction
to control the rate at which data transfers across the bus. During a bus transaction, PTRDY* is deasserted
when the target cannot temporarily accept or send data and a wait state is invoked. When the device is a
target, this signal is an output and is updated on the rising edge of PCLK. When the device is an initiator,
this signal is input and is sampled on the rising edge of PCLK. When the device is not involved in a bus
transaction, PTRDY* is tri-stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com