Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 73 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 73 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 69Page - Dallas Semiconductor DS3134 Datasheet HTML 70Page - Dallas Semiconductor DS3134 Datasheet HTML 71Page - Dallas Semiconductor DS3134 Datasheet HTML 72Page - Dallas Semiconductor DS3134 Datasheet HTML 73Page - Dallas Semiconductor DS3134 Datasheet HTML 74Page - Dallas Semiconductor DS3134 Datasheet HTML 75Page - Dallas Semiconductor DS3134 Datasheet HTML 76Page - Dallas Semiconductor DS3134 Datasheet HTML 77Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 203 page
background image
DS3134
73 of 203
Bit 11 / Repetitive Pattern Length Bit 3 (RPL3).
RPL0 is the LSB and RPL3 is the MSB of a nibble that describes the how long the repetitive pattern is.
The valid range is 17 (0000) to 32 (1111). These bits are ignored if the receive BERT is programmed for
a pseudorandom pattern. To create repetitive patterns less than 17 bits in length, the user must set the
length to an integer number of the desired length that is less than or equal to 32. For example, to create a
6 bit pattern, the user can set the length to 18 (0001) or to 24 (0111) or to 30 (1101).
Repetitive Pattern Length Map
Length
Code
Length
Code
Length
Code
Length
Code
17 Bits
0000
18 Bits
0001
19 Bits
0010
20 Bits
0011
21 Bits
0100
22 Bits
0101
23 Bits
0110
24 Bits
0111
25 Bits
1000
26 Bits
1001
27 Bits
1010
28 Bits
1011
29 Bits
1100
30 Bits
1101
31 Bits
1110
32 Bits
1111
Bit 13 / Interrupt Enable for Counter Overflow (IEOF). Allows the receive BERT to cause an
interrupt if either the Bit Counter or the Error Counter overflows.
0 = interrupt masked
1 = interrupt enabled
Bit 14 / Interrupt Enable for Bit Error Detected (IEBED). Allows the receive BERT to cause an
interrupt if a bit error is detected.
0 = interrupt masked
1 = interrupt enabled
Bit 15 / Interrupt Enable for Change of Synchronization Status (IESYNC). Allows the receive
BERT to cause an interrupt if there is a change of state in the synchronization status (i.e. the receive
BERT either goes into or out of synchronization).
0 = interrupt masked
1 = interrupt enabled
Register Name:
BERTC1
Register Description: BERT Control Register 1
Register Address:
0504h
76
5432
10
EIB2
EIB1
EIB0
SBE
n/a
n/a
n/a
TC
15
14
13
12
11
10
9
8
Alternating Word Count
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.
Bit 0 / Transmit Pattern Load (TC). A low to high transition loads the pattern generator with
Repetitive or pseudorandom pattern that is to be generated. This bit should be toggled from low to high
whenever the host wishes to load a new pattern. Must be cleared and set again for a subsequent loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com