Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 80 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 80 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 76Page - Dallas Semiconductor DS3134 Datasheet HTML 77Page - Dallas Semiconductor DS3134 Datasheet HTML 78Page - Dallas Semiconductor DS3134 Datasheet HTML 79Page - Dallas Semiconductor DS3134 Datasheet HTML 80Page - Dallas Semiconductor DS3134 Datasheet HTML 81Page - Dallas Semiconductor DS3134 Datasheet HTML 82Page - Dallas Semiconductor DS3134 Datasheet HTML 83Page - Dallas Semiconductor DS3134 Datasheet HTML 84Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 203 page
background image
DS3134
80 of 203
Transmit HDLC Functions Table 6.1C
Zero Stuffing
- Only used in between opening and closing flags.
- Will be disabled in between a closing flag and an opening flag and for sending aborts and/or
interfill data.
- Disabled if the channel is set to the transparent mode.
Interfill Selection
- Can be either 7Eh or FFh.
Flag Generation
- A programmable number of flags (1 to 16) can be set in between packets.
- Disabled if the channel is set to the transparent mode.
CRC Generation
- Can be either CRC-16 or CRC-32 or none.
- Disabled if the channel is set to transparent mode.
Invert Data
- All data (including the flags & FCS) is inverted after processing.
- Also available in the transparent mode
Bit Flip
- The LSB (normal mode) of the byte from the FIFO becomes the first bit sent or the MSB
(Telecom mode) becomes the first bit sent.
- Also available in the transparent mode.
Transparent Mode
- If enabled, flag generation, zero stuffing, and FCS generation is disabled.
- Will pass bytes from the PCI Bus to Layer 1 on octet (i.e. byte) boundaries.
Invert FCS
- When enabled, it will invert all of the bits in the FCS (useful for HDLC testing).
6.2 HDLC REGISTER DESCRIPTION
Register Name:
RHCDIS
Register Description: Receive HDLC Channel Definition Indirect Select
Register Address:
0400h
76
5432
10
HCID7
HCID6
HCID5
HCID4
HCID3
HCID2
HCID1
HCID0
15
14
13
12
11
10
9
8
IAB
IARW
n/a
n/a
n/a
n/a
n/a
n/a
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.
Bits 0 to 7 / HDLC Channel ID (HCID0 to HCID7).
00000000 (00h) = HDLC Channel Number 1 (also used for the Fast HDLC Engine on Port 0)
00000001 (01h) = HDLC Channel Number 2 (also used for the Fast HDLC Engine on Port 1)
00000010 (02h) = HDLC Channel Number 3
11111111 (FFh) = HDLC Channel Number 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com