Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 103 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 103 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 99Page - Dallas Semiconductor DS3134 Datasheet HTML 100Page - Dallas Semiconductor DS3134 Datasheet HTML 101Page - Dallas Semiconductor DS3134 Datasheet HTML 102Page - Dallas Semiconductor DS3134 Datasheet HTML 103Page - Dallas Semiconductor DS3134 Datasheet HTML 104Page - Dallas Semiconductor DS3134 Datasheet HTML 105Page - Dallas Semiconductor DS3134 Datasheet HTML 106Page - Dallas Semiconductor DS3134 Datasheet HTML 107Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 203 page
background image
DS3134
103 of 203
8.1.2 PACKET DESCRIPTORS
In main memory resides a contiguous section up to 65,536 quad dwords that make up the Receive Packet
Descriptors. The Receive Packet Descriptors are aligned on a quad dword basis and can be placed
anywhere in the 32-bit address space via the Receive Descriptor Base Address (see Table 8.1.2A).
Associated with each descriptor is a data buffer. The data buffer can be up to 8191 bytes long and must
be a contiguous section of main memory. The host can set two different data buffer sizes via the Receive
Large Buffer Size (RLBS) and the Receive Small Buffer Size (RSBS) registers (see Section 8.1.1). If an
incoming packet requires more space than the data buffer allows, then Packet Descriptors will be link-
listed together by the DMA to provide a chain of data buffers. Figure 8.1.2A is an example of how three
descriptors were linked together for an incoming packet on HDLC Channel 2. Figure 8.1.1A shows a
similar example. Channel 9 only required a single data buffer and hence only one Packet Descriptor was
used.
Packet Descriptors can be either free (i.e. available for use by the DMA) or used (i.e. currently contain
data that needs to be processed by the host). Free Packet Descriptors are pointed to by the Free Queue
Descriptors and used Packet Descriptors are pointed to by the Done Queue Descriptors.
Receive Descriptor Address Storage Table 8.1.2A
Register Name
Acronym
Address
Receive Descriptor Base Address 0 (lower word)
RDBA0
0750h
Receive Descriptor Base Address 1 (upper word)
RDBA1
0754h
Receive Descriptor Example Figure 8.1.2A
Free Descriptor
Base + 00h
Channel 2 First Buffer Descriptor
Base + 10h
Base + 20h
Free Descriptor
Base + 30h
Free Descriptor
Base + 40h
Base + 50h
Free Descriptor
Base + 60h
Base + 70h
Free Descriptor
Base + 80h
Free Descriptor
Base + FFFD0h
Free Descriptor
Base + FFFF0h
Channel 9 Single Buffer Descriptor
Channel 2 Second Buffer Descriptor
Channel 2 Last Buffer Descriptor
Free Queue Descriptor Address
Done Queue Descriptor Pointer
Maximum of 65536
Descriptors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com