Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 107 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 107 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 103Page - Dallas Semiconductor DS3134 Datasheet HTML 104Page - Dallas Semiconductor DS3134 Datasheet HTML 105Page - Dallas Semiconductor DS3134 Datasheet HTML 106Page - Dallas Semiconductor DS3134 Datasheet HTML 107Page - Dallas Semiconductor DS3134 Datasheet HTML 108Page - Dallas Semiconductor DS3134 Datasheet HTML 109Page - Dallas Semiconductor DS3134 Datasheet HTML 110Page - Dallas Semiconductor DS3134 Datasheet HTML 111Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 203 page
background image
DS3134
107 of 203
Receive Free Queue Internal Address Storage Table 8.1.3B
Register Name
Acronym
Address
Receive Free Queue Base Address 0 (lower word)
RFQBA0
0700h
Receive Free Queue Base Address 1 (upper word)
RFQBA1
0704h
Receive Free Queue Large Buffer Host Write Pointer
RFQLBWP
0710h
Receive Free Queue Large Buffer DMA Read Pointer
RFQLBRP
0718h
Receive Free Queue Small Buffer Start Address
RFQSBSA
070Ch
Receive Free Queue Small Buffer Host Write Pointer
RFQSBWP
0714h
Receive Free Queue Small Buffer DMA Read Pointer
RFQSBRP
071Ch
Receive Free Queue End Address
RFQEA
0708h
Note: Both RFQSBSA & RFQEA are not absolute addresses. i.e. The absolute end address is “Base +
RFQEA * 8”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com