Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 110 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 110 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 106Page - Dallas Semiconductor DS3134 Datasheet HTML 107Page - Dallas Semiconductor DS3134 Datasheet HTML 108Page - Dallas Semiconductor DS3134 Datasheet HTML 109Page - Dallas Semiconductor DS3134 Datasheet HTML 110Page - Dallas Semiconductor DS3134 Datasheet HTML 111Page - Dallas Semiconductor DS3134 Datasheet HTML 112Page - Dallas Semiconductor DS3134 Datasheet HTML 113Page - Dallas Semiconductor DS3134 Datasheet HTML 114Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 203 page
background image
DS3134
110 of 203
Register Name:
RDMAQ
Register Description: Receive DMA Queues Control
Register Address:
0780h
76
5432
10
n/a
n/a
RDQF
RDQFE
RFQSF
RFQLF
n/a
RFQFE
15
14
13
12
11
10
9
8
n/a
n/a
n/a
n/a
n/a
RDQT2
RDQT1
RDQT0
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.
Bit 0 / Receive Free Queue FIFO Enable (RFQFE). To enable the DMA to burst read descriptors from
the Free Queue; this bit must be set to a one. If this bit is set to zero, descriptors will be read one at a
time.
0 = Free Queue Burst Read Disabled
1 = Free Queue Burst Read Enabled
Bit 2 / Receive Free Queue Large Buffer FIFO Flush (RFQLF). When this bit is set to one, the
internal Large Buffer Free Queue FIFO will be flushed (currently loaded Free Queue Descriptors are lost).
This bit must be set to zero for proper operation.
0 = FIFO in normal operation
1 = FIFO is flushed
Bit 3 / Receive Free Queue Small Buffer FIFO Flush (RFQSF). When this bit is set to one, the
internal Small Buffer Free Queue FIFO will be flushed (currently loaded Free Queue Descriptors are lost).
This bit must be set to zero for proper operation.
0 = FIFO in normal operation
1 = FIFO is flushed
Bit 4 / Receive Done Queue FIFO Enable (RDQFE). See Section 8.1.4 for details.
Bit 5 / Receive Done Queue FIFO Flush (RDQF). See Section 8.1.4 for details.
Bits 8 to 10 / Receive Done Queue Status Bit Threshold Setting (RDQT0 to RDQT2). See Section
8.1.4 for details.
8.1.4 DONE QUEUE
The DMA will write to the Receive Done Queue when it has filled a free data buffer with packet data and
has loaded the associated Packet Descriptor with all the necessary information. The descriptor location is
indicated via a 16-bit pointer which the Host will use along with the Receive Descriptor Base Address to
find the exact 32-bit address of the associated Receive Descriptor.
Receive Done Queue Descriptor Figure 8.1.4A
dword 0
V EOF
Status (3)
BUFCNT(3)
HDLC Channel (8)
Descriptor Pointer (16)
Note:
1) Organization of the Done Queue is not affected by the enabling of Big Endian
2) Descriptor Pointer is an index and is not an absolute address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com