Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 114 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 114 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 110Page - Dallas Semiconductor DS3134 Datasheet HTML 111Page - Dallas Semiconductor DS3134 Datasheet HTML 112Page - Dallas Semiconductor DS3134 Datasheet HTML 113Page - Dallas Semiconductor DS3134 Datasheet HTML 114Page - Dallas Semiconductor DS3134 Datasheet HTML 115Page - Dallas Semiconductor DS3134 Datasheet HTML 116Page - Dallas Semiconductor DS3134 Datasheet HTML 117Page - Dallas Semiconductor DS3134 Datasheet HTML 118Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 203 page
background image
DS3134
114 of 203
Status Bits / Interrupts
On writes to the Done Queue by the DMA, the DMA will set the Status Bit for Receive DMA Done
Queue Write (RDQW) in the Status Register for DMA (SDMA). The Host can configure the DMA to
either set this status bit on each write to the Done Queue or only after multiple (from 2 to 128) writes.
The Host controls this by setting the RDQT0 to RDQT2 bits in the Receive DMA Queues Control
(RDMAQ) register. See the description of the RDMAQ register at the end of Section 8.1.4 for more
details. The DMA also checks the Receive Done Queue Host Read Pointer to make sure that an overflow
does not occur. If this does occur, then the DMA will set the Status Bit for Receive DMA Done Queue
Write Error (RDQWE) in the Status Register for DMA (SDMA) and it will not write to the Done Queue
nor will it increment the Write Pointer. In such a scenario, packets may be lost and unrecoverable. Each
of the status bits can also (if enabled) cause a hardware interrupt to occur. See Section 4 for more details.
Buffer Write Threshold Setting
In the DMA Configuration RAM (see Section 8.1.5), there is a Host controlled field called Threshold
(bits RDT0 to RDT2) that informs the DMA on when it should write to the Done Queue. The Host has
the option to have the DMA place information in the Done Queue after a programmable number (from 1
to 7) data buffers have been filled or wait until the completed packet data has been written. The DMA
will always write to the Done Queue when it has finished receiving a packet even if the threshold has not
been met.
Done Queue Burst Writing
The DMA has the ability to write to the Done Queue in bursts. This allows for a more efficient use of the
PCI Bus. The DMA can hand off descriptors to the Done Queue in-groups rather than one at a time,
freeing up the PCI Bus for more time critical functions.
Internal to the device there is a FIFO that can store up to 8 Done Queue Descriptors (8 dwords since each
descriptor occupies one dword). The Host must configure the FIFO for proper operation via the Receive
DMA Queues Control (RDMAQ) register (see below).
When enabled via the Receive Done Queue FIFO Enable (RDQFE) bit, the Done Queue FIFO will not
write to the Done Queue until it reaches the High Water Mark. When the Done Queue FIFO reaches the
High Water Mark (which is six descriptors), it will attempt to empty the Done Queue FIFO by burst
writing to the Done Queue. Before it writes to the Done Queue, it checks (by examining the Receive
Done Queue Host Read Pointer) to make sure that the Done Queue has enough room to empty the Done
Queue FIFO. If the Done Queue does not have enough room, then it will only burst write enough
descriptors to keep from overflowing the Done Queue. If the FIFO detects that there is no room for any
descriptors to be written, then it will set the Status Bit for Receive DMA Done Queue Write Error
(RDQWE) in the Status Register for DMA (SDMA) and it will not write to the Done Queue nor will it
increment the Write Pointer. In such a scenario, packets may be lost and unrecoverable. If the Done
Queue FIFO can write descriptors to the Done Queue, then it will burst write them, increment the write
pointer, and set the Status Bit for Receive DMA Done Queue Write (RDQW) in the Status Register for
DMA (SDMA). See Section 4 for more details on Status bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com