Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 116 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 116 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 112Page - Dallas Semiconductor DS3134 Datasheet HTML 113Page - Dallas Semiconductor DS3134 Datasheet HTML 114Page - Dallas Semiconductor DS3134 Datasheet HTML 115Page - Dallas Semiconductor DS3134 Datasheet HTML 116Page - Dallas Semiconductor DS3134 Datasheet HTML 117Page - Dallas Semiconductor DS3134 Datasheet HTML 118Page - Dallas Semiconductor DS3134 Datasheet HTML 119Page - Dallas Semiconductor DS3134 Datasheet HTML 120Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 203 page
background image
DS3134
116 of 203
Bit 4 / Receive Done Queue FIFO Enable (RDQFE). To enable the DMA to burst write descriptors to
the Done Queue; this bit must be set to a one. If this bit is set to zero, messages will be written one at a
time.
0 = Done Queue Burst Write Disabled
1 = Done Queue Burst Write Enabled
Bit 5 / Receive Done Queue FIFO Flush (RDQF). When this bit is set to one, the internal Done Queue
FIFO will be flushed by sending all data into the Done Queue. This bit must be set to zero for proper
operation.
0 = FIFO in normal operation
1 = FIFO is flushed
Bits 8 to 10 / Receive Done Queue Status Bit Threshold Setting (RDQT0 to RDQT2). These 3 bits
determine when the DMA will set the Receive DMA Done Queue Write (RDQW) status bit in the Status
Register for DMA (SDMA) register.
000 = set the RDQW status bit after each descriptor write to the Done Queue
001 = set the RDQW status bit after 2 or more descriptors are written to the Done Queue
010 = set the RDQW status bit after 4 or more descriptors are written to the Done Queue
011 = set the RDQW status bit after 8 or more descriptors are written to the Done Queue
100 = set the RDQW status bit after 16 or more descriptors are written to the Done Queue
101 = set the RDQW status bit after 32 or more descriptors are written to the Done Queue
110 = set the RDQW status bit after 64 or more descriptors are written to the Done Queue
111 = set the RDQW status bit after 128 or more descriptors are written to the Done Queue
8.1.5 DMA CHANNEL CONFIGURATION RAM
Onboard the device there is a set of 768 dwords (3 dwords per channel times 256 channels) that are used
by the host to configure the DMA and by the DMA to store values locally when it is processing a packet.
Most of the fields within the DMA Configuration RAM are for use by the DMA and the Host will never
write to these fields. The Host is only allowed to write (i.e. configure) to the lower word of dword 2 for
each HDLC channel. The Host configurable fields are denoted with a thick box as shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com