Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 119 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 119 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 115Page - Dallas Semiconductor DS3134 Datasheet HTML 116Page - Dallas Semiconductor DS3134 Datasheet HTML 117Page - Dallas Semiconductor DS3134 Datasheet HTML 118Page - Dallas Semiconductor DS3134 Datasheet HTML 119Page - Dallas Semiconductor DS3134 Datasheet HTML 120Page - Dallas Semiconductor DS3134 Datasheet HTML 121Page - Dallas Semiconductor DS3134 Datasheet HTML 122Page - Dallas Semiconductor DS3134 Datasheet HTML 123Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 203 page
background image
DS3134
119 of 203
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 2; Bits 29 to 31 / Threshold Count. These 3 bits keep track of the number of data buffers that
have been filled so that the Receive DMA knows when to write to the Done Queue based on the Host
controlled field called Threshold.
000 = threshold count is 0 data buffers
001 = threshold count is 1 data buffer
010 = threshold count is 2 data buffers
011 = threshold count is 3 data buffers
100 = threshold count is 4 data buffers
101 = threshold count is 5 data buffers
110 = threshold count is 6 data buffers
111 = threshold count is 7 data buffers
Register Name:
RDMACIS
Register Description: Receive DMA Channel Configuration Indirect Select
Register Address:
0770h
76
5432
10
HCID7
HCID6
HCID5
HCID4
HCID3
HCID2
HCID1
HCID0
15
14
13
12
11
10
9
8
IAB
IARW
n/a
n/a
n/a
RDCW2
RDCW1
RDCW0
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.
Bits 0 to 7 / HDLC Channel ID (HCID0 to HCID7).
00000000 (00h) = HDLC Channel Number 1
11111111 (FFh) = HDLC Channel Number 256
Bits 8 to 10 / Receive DMA Configuration RAM Word Select Bits 0 to 2 (RDCW0 to RDCW2).
000 = lower word of dword 0
001 = upper word of dword 0
010 = lower word of dword 1
011 = upper word of dword 1
100 = lower word of dword 2 (only word that the Host can write to)
101 = upper word of dword 2
110 = illegal state
111 = illegal state
Bit 14 / Indirect Access Read/Write (IARW). When the host wishes to read data from the internal
Receive DMA Configuration RAM, this bit should be written to a one by the host. This causes the device
to begin obtaining the data from the channel location indicated by the HCID bits. During the read access,
the IAB bit will be set to one. Once the data is ready to be read from the RDMAC register, the IAB bit
will be set to zero. When the host wishes to write data to the internal Receive DMA Configuration RAM,
this bit should be written to a zero by the host. This causes the device to take the data that is current
present in the RDMAC register and write it to the channel location indicated by the HCID bits. When the
device has completed the write, the IAB bit will be set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com