Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 117 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 117 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 113Page - Dallas Semiconductor DS3134 Datasheet HTML 114Page - Dallas Semiconductor DS3134 Datasheet HTML 115Page - Dallas Semiconductor DS3134 Datasheet HTML 116Page - Dallas Semiconductor DS3134 Datasheet HTML 117Page - Dallas Semiconductor DS3134 Datasheet HTML 118Page - Dallas Semiconductor DS3134 Datasheet HTML 119Page - Dallas Semiconductor DS3134 Datasheet HTML 120Page - Dallas Semiconductor DS3134 Datasheet HTML 121Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 203 page
background image
DS3134
117 of 203
RECEIVE DMA CONFIGURATION RAM Figure 8.1.5A
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 0; Bits 0 to 31 / Current Data Buffer Address. The current 32-bit address of the data buffer that
is being used. This address is used by the DMA to keep track of where data should be written to as it
comes in from the Receive FIFO.
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 1; Bits 0 to 15 / Current Descriptor Pointer. This 16-bit value is the offset from the Receive
Descriptor Base Address of the current Receive Descriptor being used by the DMA to describe the
specifics of the data being stored in the associated data buffer.
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 1; Bits 16 to 31 / Starting Descriptor Pointer. This 16-bit value is the offset from the Receive
Descriptor Base Address of the first Receive Descriptor in a link-list chain of descriptors. This pointer
will be written into the Done Queue by the DMA after a specified number of data buffers (see the
Threshold value below) have been filled.
- HOST MUST CONFIGURE -
dword 2; Bit 0 / Channel Enable (CHEN).
This bit is controlled by the host to enable and disable a
HDLC channel.
0 = HDLC Channel Disabled
1 = HDLC Channel Enabled
dmarcram
msb
31
lsb
0
Receive DMA Configuration RAM
000h
004h
008h
HDLC
Channel
1
00Ch
010h
014h
HDLC
Channel
2
BF4h
BF8h
BFCh
HDLC
Channel
256
Fields shown within the thick box
are written by the Host; all other
fields are for usage by the DMA and
can only be read by the Host
Current Descriptor Pointer (16)
Start Descriptor Pointer (16)
Byte Count (13)
Threshold
Count (3)
Threshold(3) Offset (4)
CH
EN
Size
(2)
Current Descriptor Pointer (16)
Current Packet Data Buffer Address (32)
Start Descriptor Pointer (16)
Byte Count (13)
Threshold
Count (3)
Threshold(3) Offset (4)
CH
EN
Size
(2)
Current Descriptor Pointer (16)
Start Descriptor Pointer (16)
Byte Count (13)
Threshold
Count (3)
Threshold(3) Offset (4)
CH
EN
Size
(2)
Current Packet Data Buffer Address (32)
Current Packet Data Buffer Address (32)
unused (5)
FBF
unused (5)
FBF
unused (5)
FBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com