Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 109 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 109 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 105Page - Dallas Semiconductor DS3134 Datasheet HTML 106Page - Dallas Semiconductor DS3134 Datasheet HTML 107Page - Dallas Semiconductor DS3134 Datasheet HTML 108Page - Dallas Semiconductor DS3134 Datasheet HTML 109Page - Dallas Semiconductor DS3134 Datasheet HTML 110Page - Dallas Semiconductor DS3134 Datasheet HTML 111Page - Dallas Semiconductor DS3134 Datasheet HTML 112Page - Dallas Semiconductor DS3134 Datasheet HTML 113Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 203 page
background image
DS3134
109 of 203
Status / Interrupts
On each read of the Free Queue by the DMA, the DMA will set either the Status Bit for Receive DMA
Large Buffer Read (RLBR) or the Status Bit for Receive DMA Small Buffer Read (RSBR) in the Status
Register for DMA (SDMA). The DMA also checks the Receive Free Queue Large Buffer Host Write
Pointer and the Receive Free Queue Small Buffer Host Write Pointer to make sure that an underflow does
not occur. If it does occur, then the DMA will set either the Status Bit for Receive DMA Large Buffer
Read Error (RLBRE) or the Status Bit for Receive DMA Small Buffer Read Error (RSBRE) in the Status
Register for DMA (SDMA) and it will not read the Free Queue nor will it increment the Read Pointer. In
such a scenario, the Receive FIFO may overflow if the Host does not provide Free Queue Descriptors.
Each of the status bits can also (if enabled) cause a hardware interrupt to occur. See Section 4 for more
details.
Free Queue Burst Reading
The DMA has the ability to read the Free Queue in bursts. This allows for a more efficient use of the PCI
Bus. The DMA can grab messages from the Free Queue in a group rather than one at a time, freeing up
the PCI Bus for more time critical functions.
Internal to the device there is a FIFO that can store up to 16 Free Queue Descriptors (32 dwords since
each descriptor occupies two dwords). The Free Queue can either operate in dual or singular circular
queue mode. The Free Queue can be divided into Large Buffer and Small Buffer. The LBSA (Large
Buffer Starting Address) and the LBEA (Large Buffer Ending Address) forms the Large Buffer Queue
and the SBSA (Small Buffer Starting Address) and the RFQEA (Receive Free Queue End Address) forms
the Small Buffer Queue. When the SBSA is not equal to, and greater than, the RFQEA the Free Queue is
set up in a dual circular mode. If the SBSA is equal to the RFQEA, the Free Queue is operating in a single
queue mode. When the Free Queue is operated as a dual circular queue supporting both large and small
buffers, then the FIFO is cut into two 8 message FIFOs. If the Free Queue is operated as a single circular
queue supporting only the large buffers, then the FIFO is set up as a single 16 descriptor FIFO. The Host
must configure the Free Queue FIFO for proper operation via the Receive DMA Queues Control
(RDMAQ) register (see below).
When enabled via the Receive Free Queue FIFO Enable (RFQFE) bit, the Free Queue FIFO will not read
the Free Queue until it reaches the Low Water Mark. When the FIFO reaches the Low Water Mark
(which is two descriptors in the dual mode or four descriptors in the single mode,) it will attempt to fill
the FIFO with additional descriptors by burst reading the Free Queue. Before it reads the Free Queue, it
checks (by examining the Receive Free Queue Host Write Pointer) to make sure that the Free Queue
contains enough descriptors to fill the Free Queue FIFO.
If the Free Queue does not have enough
descriptors to fill the FIFO, then it will only read enough to keep from underflowing the Free Queue. If
the FIFO detects that there are no Free Queue descriptors available for it to read, then it will set the either
the Status Bit for Receive DMA Large Buffer Read Error (RLBRE) or the Status Bit for Receive DMA
Small Buffer Read Error (RSBRE) in the Status Register for DMA (SDMA) and it will not read the Free
Queue nor will it increment the Read Pointer. In such a scenario, the Receive FIFO may overflow if the
Host does not provide Free Queue Descriptors. If the Free Queue FIFO can read descriptors from the
Free Queue, then it will burst read them, increment the read pointer, and set either the Status Bit for
Receive DMA Large Buffer Read (RLBR) or the Status Bit for Receive DMA Small Buffer Read (RSBR)
in the Status Register for DMA (SDMA). See Section 4 for more details on Status Bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com