Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 108 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 108 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 104Page - Dallas Semiconductor DS3134 Datasheet HTML 105Page - Dallas Semiconductor DS3134 Datasheet HTML 106Page - Dallas Semiconductor DS3134 Datasheet HTML 107Page - Dallas Semiconductor DS3134 Datasheet HTML 108Page - Dallas Semiconductor DS3134 Datasheet HTML 109Page - Dallas Semiconductor DS3134 Datasheet HTML 110Page - Dallas Semiconductor DS3134 Datasheet HTML 111Page - Dallas Semiconductor DS3134 Datasheet HTML 112Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 203 page
background image
DS3134
108 of 203
Receive Free Queue Structure Figure 8.1.3B
Once the Receive DMA is activated (by setting the RDE control bit in the Master Configuration register;
see Section 4), it can begin reading data out of the free queue. It knows where to read data out of the free
queue by reading the Read Pointer and adding it to the Base Address to obtain the actual 32-bit address.
Once the DMA has read the Free Queue, it increments the Read Pointer by two dwords. A check must be
made to make sure the incremented address does not equal or exceed either the Receive Free Queue Small
Buffer Start Address (in the case of the large buffer circular queue) or the Receive Free Queue End
Address (in the case of the small buffer circular queue). If the incremented address does equal or exceed
of these addresses, then the incremented read pointer will be set equal to 0000h.
dmarfq
Base + 00h
Base + 08h
Base + 10h
Base + 18h
Base + 20h
Base + End Address
Free Queue Large Buffer
Host Write Pointer
Free Queue Large Buffer
DMA Read Pointer
Maximum of 65536
Free Queue Descriptors
DMA Acquired
Free Queue Descriptor
Free Queue Small Buffer
DMA Read Pointer
Free Queue Small Buffer
Host Write Pointer
Free Queue Small Buffer
Start Address
Large
Buffer
Circular
Queue
Small
Buffer
Circular
Queue
Host Readied
Free Queue Descriptor
DMA Acquired
Free Queue Descriptor
DMA Acquired
Free Queue Descriptor
DMA Acquired
Free Queue Descriptor
DMA Acquired
Free Queue Descriptor
DMA Acquired
Free Queue Descriptor
Host Readied
Free Queue Descriptor
Host Readied
Free Queue Descriptor
Host Readied
Free Queue Descriptor
Host Readied
Free Queue Descriptor
Host Readied
Free Queue Descriptor
Host Readied
Free Queue Descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com