Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 5 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 5 Page - ON Semiconductor

  LC823450 Datasheet HTML 1Page - ON Semiconductor LC823450 Datasheet HTML 2Page - ON Semiconductor LC823450 Datasheet HTML 3Page - ON Semiconductor LC823450 Datasheet HTML 4Page - ON Semiconductor LC823450 Datasheet HTML 5Page - ON Semiconductor LC823450 Datasheet HTML 6Page - ON Semiconductor LC823450 Datasheet HTML 7Page - ON Semiconductor LC823450 Datasheet HTML 8Page - ON Semiconductor LC823450 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 112 page
background image
LC823450
www.onsemi.com
5
Block Diagram
(1ch
×3)
(2ch
×4)
Class−D
AMP
SWD/SWV
ICE
JTAG
ICE
1Mhz
∼
50MHz
32.768kHz
XTRTC
XT1
ARM Cortex−M3
ARM Cortex−M3
LPDSP32
DMAC
(8ch)
Multilayer Bus
EXT4
S−Flash I/F
(1ch)
SDRAM
CTRL
ISOLATED−G
Reset
Controller
Cache
(16 Kbyte)
BASIC
ISOLATED−E
External
Memory
Controller
BUF
(4.5 Kbyte)
USB 2.0
Host
USB 2.0
Device
USB 2.0
PHY
XT1
Main
Module
Manager
Plain
Timer
Multiple
Timer
EXT1
ISOLATED−H
BUF
(512/512 byte x 3)
OSC
System
PLL
SD I/F
(3ch)
MS I/F
MS PB
XT1
XTRTC
RC
EXT3
Audio Buffer
(64 Kbyte)
MP3
Decoder
PCM
I/F
PCM
I/F
MP3
Encoder
Digital
Mic
16bit Audio
DAC
ISOLATED−A
ATM
BEEP
VOLUME
EQ3
METER
MUTE
SSRC
ASRC
OSC
Audio PLL
BCK0/1
MCLK0/1
(PCM I/F)
XT1
XTRTC AHB CLK
(HCLK)
ISOLATED−F
not used
intenationally
EXT2
not used
intenationally
SPI
(1ch)
RTC
XTRTC
APB
Bridge
SRAM
(120k byte)
ROM
(220k byte)
ISOLATED−D
SRAM
(512k byte)
SRAM
(512k byte)
ISOLATED−B
ISOLATED−C
ISOLATED−I
SRAM
(512k byte)
ROM
(256k byte)
ROM
(220k byte)
10bit ADC
(6ch)
PORT0
∼4
(80 I/O)
UART
(3ch)
PORT5
(10 I/O)
I2C
(2ch)
ISOLATED
Figure 1. Top



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com