Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 19 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 15Page - ON Semiconductor LC823450 Datasheet HTML 16Page - ON Semiconductor LC823450 Datasheet HTML 17Page - ON Semiconductor LC823450 Datasheet HTML 18Page - ON Semiconductor LC823450 Datasheet HTML 19Page - ON Semiconductor LC823450 Datasheet HTML 20Page - ON Semiconductor LC823450 Datasheet HTML 21Page - ON Semiconductor LC823450 Datasheet HTML 22Page - ON Semiconductor LC823450 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 112 page
background image
LC823450
www.onsemi.com
19
TERMINAL FUNCTIONS
TA: Package Code = “TA”
XA: Package Code = “XA”
XB: Package Code = “XB”
XC: Package Code = “XC”
XD: Package Code = “XD”
RA: Package Code = “RA”
Table 10. TERMINAL FUNCTIONS
Terminal Name
Polarity
Direction
Function
IO
POWER
Available (
d)
Multiplexed
Function
TA
XA,XC
XB,XD
RA
JTAG/SWD
TDO
−
O
JTAG test data outputSD
VddSD1
d
d
d
d
SDWP1
Pos
I
SD I/F Ch1 write protect
d
d
d
d
INS
Neg
I
Memory Stick INS
d
d
d
d
GPIO21
−
B
GPIO
d
d
d
d
EXTINT21
−
I
External Interrupt 2−bit1
d
d
d
d
TDI
−
I
JTAG test data input
VddSD1
d
d
d
d
SDCD1
Neg
I
SD I/F Ch2 write protect
d
d
d
d
SWO
−
O
Serial wire view data
d
d
d
d
GPIO20
−
B
GPIO
d
d
d
d
EXTINT20
−
I
External Interrupt 2−bit0
d
d
d
d
TMS
−
I
JTAG test data select
VddSD2
d
d
d
d
SDWP2
Pos
I
SD I/F Ch2 write protect
d
(Note 7)
d
d
GPIO28
−
B
GPIO
d
d
d
d
EXTINT28
−
I
External Interrupt 2−bit8
d
d
d
d
TCK
Pos
I
JTAG test clock
VddSD2
d
d
d
d
SDCD2
Neg
I
SD I/F Ch2 detect
d
(Note 7)
d
d
GPIO29
−
B
GPIO
d
d
d
d
EXTINT29
−
I
External Interrupt 2−bit9
d
d
d
d
SWDCLK
Pos
I
Serial wire clock
Vdd2
d
d
d
d
DMCKO1
−
O
Digital MicCh1Clock Output
d
d
d
d
GPIO58
−
B
GPIO
d
d
d
d
EXTINT58
−
I
External Interrupt 5−bit8
d
d
d
d
SWDIO
−
B
Serial wire Data
Vdd2
d
d
d
d
DMDIN1
−
I
Digital MicCh1 Data Input
d
d
d
d
GPIO59
−
B
GPIO
d
d
d
d
EXTINT59
−
I
External Interrupt 5−bit9
d
d
d
d
Sum
6
6
6
6
RTC
XIN32K
Pos
I
32.768 kHz XTAL Input (XTRTC)
VddRTC
d
d
d
d
XOUT32K
−
O
32.768 kHz XTAL Output
(XTRTC)
d
d
d
d
VDET
Neg
I
RTC power detect Input
d
d
d
d
RTCINT
Neg
O
RTC Interrupt Output
(Normal:HiZ,
Interrupt enabled: Low Output )
VddRTC
d
d
d
d
BACKUPB
Neg
I
RTC backup mode input
d
d
d
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com