Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 2 Page - ON Semiconductor

  LC823450 Datasheet HTML 1Page - ON Semiconductor LC823450 Datasheet HTML 2Page - ON Semiconductor LC823450 Datasheet HTML 3Page - ON Semiconductor LC823450 Datasheet HTML 4Page - ON Semiconductor LC823450 Datasheet HTML 5Page - ON Semiconductor LC823450 Datasheet HTML 6Page - ON Semiconductor LC823450 Datasheet HTML 7Page - ON Semiconductor LC823450 Datasheet HTML 8Page - ON Semiconductor LC823450 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 112 page
background image
LC823450
www.onsemi.com
2
ABSTRACT
Features
• Cortex−M3 Dual Core, AMBA® (AHB/APB) System
♦ Internal SRAM (1
.5M-byte)
♦ Internal ROM (256k
-byte). Boot code, Standard
Functions
♦ SDRAM Controller (1 * CS)
64M to 256Mbit SDRAM / Mobile SDRAM
♦ External Memory Controller (2 * CS)
NOR FLASH, SRAM, ROM supported, 8/16 bit I/F
LCD controller supported
Internal ROM boot and External memory device
boot available
♦ DMA Controller (8ch)
♦ Interrupt Controller (External 90ch, Internal 82ch)
♦ SPI (1ch)
♦ Serial Flash I/F (1ch)
Quad SPI, cache memory (16k
-byte, 4way set
associative, 128line) function available
1.8V dedicated power supply
♦ UART (3ch)
UART1: w/flow control (CTS
, RTS)
UART0, UART2: w/o flow control
♦ I2C (2ch) Single Master, Full/Standard
♦ GPIO (90ch)
♦ Plain Timer w/ Watch Dog Timer (1ch
×3)
♦ Multiple Timer (2ch
×4)
♦ 10bit ADC (6ch)
♦ SD Card I/F (3ch)
eSD/eMMC, UHS−I, w/o CPRM
− SD0: eSD/eMMC boot supported (Internal ROM
Boot function) 1.8 V dedicated power supply
− SD1: Multiplexed w/ Memory Stick I/F
1.8 V dedicated power supply
− SD2: 1.8 V dedicated power supply
♦ Memory Stick I/F (1ch)
Multiplexed w/ SD1
♦ USB2.0 Host (HS/FS/LS) Controller, Device
(HS/FS) Controller. Integrated PHY
Xtal (XT1) is required for USB function
.
48 MHz for Host
, and 12,20,24,48 MHz for device
w/o OTG function. Host and Device share an
integrated PHY.
♦ Real Time Clock
2 modes below are available
− General RTC mode: RTC w/o key input
− KeyInt RTC mode: RTC w/ key input which
enables power on function
♦ SWD (Serial Wire Debug) is supported as the debug
interface.
SWV (Serial Wire Viewer) is supported as the trace
interfaceOnly one of Cortex−M3 Dual Core can be
traced.
Availability of features explained here depends on products.
• MP31 Hard Wired Encoder/Decoder
♦ MP3 MPEG1, MPEG2, MPEG2.5
− Sampling rate: 8 kHz,11.025 kHz,12 kHz,16 kHz,
22.05 kHz, 24 kHz, 32 kHz, 44.1 kHz, 48 kHz
− Bit rate:8 Kbps to 320 Kbps (Decoder−VBR
supported)
• LPDSP32 System
♦ Internal SRAM (120 kbyte)
♦ Internal ROM (220 kbyte)
♦ WMA2 (Microsoft WMA Decoder Profile Level3)
− Sampling rate: 8 kHz, 11.025 kHz, 16 kHz,
22.05 kHz, 32 kHz, 44.1 kHz, 48 kHz
− Bit rate: 5 Kbps to 320 Kbps (VBR supported)
♦ AAC (MPEG4 LC−AAC)
− Bit rate: 8 Kbps to 320 Kbps (VBR supported)
♦ Variable Speed Control playback
(0.5 to 4.0 times speed)
− While WMA and AAC playback, up to 2.0 time
speed
− While PCM playback, up to 4.0 times speed
− While MP3 playback w/ hard wired decoder,
up to 4.0 times speed
♦ Noise Canceller, etc
.
♦ JTAG ICE
1
MPEG Layer−3 audio coding technology licensed from Fraunhofer IIS and Thomson.
Supply of this product does not convey license nor imply any right to distribute content created with this product in revenue−generating
broadcast systems (terrestrial, satellite, cable and/or other distribution channels), streaming applications (via Internet, intranets and/or
networks), other content distribution systems (pay−audio or audio−on−demand applications and the like) or on physical media (compact
discs, digital versatile discs, semiconductor chips, hard drives, memory cards and the like). For details, please visit http://mp3licensing.-
com/
Supply of this product does not convey license under the relevant intellectual property of Thomson and/or Fraunhofer Gesellschaft nor
imply any right to use this product in any finished end user or ready−to−use final product. An independent license for such use is required.
For details, please visit http://mp3licensing.com/.
2
This product contain technology of Microsoft company ownership, and you cannot distribute or use without getting license from Microsoft
Licensing company.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com