Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 36 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 36 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 32Page - ON Semiconductor LC823450 Datasheet HTML 33Page - ON Semiconductor LC823450 Datasheet HTML 34Page - ON Semiconductor LC823450 Datasheet HTML 35Page - ON Semiconductor LC823450 Datasheet HTML 36Page - ON Semiconductor LC823450 Datasheet HTML 37Page - ON Semiconductor LC823450 Datasheet HTML 38Page - ON Semiconductor LC823450 Datasheet HTML 39Page - ON Semiconductor LC823450 Datasheet HTML 40Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 112 page
background image
LC823450
www.onsemi.com
36
Table 14.
LFBGA240
IO
Circuit Type
IO
Pwr Grp
PU/PD
Drive
Output
Type
Input
Type
I/O
Pin Name
WLP154
TQFP128L
No.
IO
Circuit Type
IO
Pwr Grp
PU/PD
Drive
Output
Type
Input
Type
I/O
Pin Name
Ball
No
No.
Ball
94
D8
50
57
H2
VddRTC
P
95
A7
−
58
H3
RTCMODE
I
CMOS
−
−
−
VddRTC
1IC
96
B8
51
59
G2
VssRTC
G
97
A8
52
60
G1
XIN32K
I
X
−
−
−
VddRTC
X
98
C8
53
61
G3
XOUT32K
O
−
X
−
−
VddRTC
X
99
B7
54
62
F1
VDET
I
CMOS
−
−
−
VddRTC
1IC
100
C7
55
63
G4
RTCINT(Note
17)
O
−
OD
0.3
mA−OD
−
VddRTC
OD3
101
D7
56
64
F2
BACKUPB
I
Schmitt
−
−
−
VddRTC
1IS
102
E7
−
65
F3
KEYINT
0
I
Schmitt
−
−
PD
VddRTC
1ISD
103
F7
−
66
F4
KEYINT1
I
Schmitt
−
−
PD
VddRTC
1ISD
104
G7
−
67
E1
KEYINT2
I
Schmitt
−
−
PD
VddRTC
1ISD
105
A6
57
68
E2
AVddADC
P
106
B6
−
−
VRH
I
3A
−
−
−
AVddADC
3A
107
C6
−
−
VR
O
−
3A
−
−
AVddADC
3A
108
D6
−
−
VRL
I
3A
−
−
−
AVddADC
3A
109
E6
58
69
D1
AVssADC
G
110
C5
59
70
E3
AN5
I
3A
−
−
−
AVddADC
3A
111
B5
60
71
D2
AN4
I
3A
−
−
−
AVddADC
3A
112
A5
61
72
D3
AN3
I
3A
−
−
−
AVddADC
3A
113
C4
62
73
C1
AN2
I
3A
−
−
−
AVddADC
3A
114
B4
63
74
C2
AN1
I
3A
−
−
−
AVddADC
3A
115
A4
64
75
B1
AN0
I
3A
−
−
−
AVddADC
3A
116
D5
−
76
F5
NLBEXA0/
GPIO16/
EXTINT16
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
117
F6
−
77
E4
EXD1/
GPIO47/
EXTINT47
B/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
118
A3
−
−
EXA1/
GPIO32/
EXTINT32
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
119
B3
−
−
EXA2/
GPIO33/
EXTINT33
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
120
A2
−
−
EXA3/
GPIO34/
EXTINT34
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
121
A1
−
−
Vss
G
122
B2
−
−
Vdd2
P
123
B1
−
−
EXA4/
GPIO35/
EXTINT35
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
124
C1
−
−
EXA5/
GPIO36/
EXTINT36
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
125
C2
−
−
EXA6/
GPIO37/
EXTINT37
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
126
C3
65
78
A1
SCL0/
GPIO07/
EXTINT07
O/
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)
127
D3
−
−
EXA7/
GPIO38/
EXTINT38
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
128
D4
66
79
B2
SDA0/
GPIO08/
EXTINT08
B/
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com