Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 8 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 4Page - ON Semiconductor LC823450 Datasheet HTML 5Page - ON Semiconductor LC823450 Datasheet HTML 6Page - ON Semiconductor LC823450 Datasheet HTML 7Page - ON Semiconductor LC823450 Datasheet HTML 8Page - ON Semiconductor LC823450 Datasheet HTML 9Page - ON Semiconductor LC823450 Datasheet HTML 10Page - ON Semiconductor LC823450 Datasheet HTML 11Page - ON Semiconductor LC823450 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 112 page
background image
LC823450
www.onsemi.com
8
Clock Hierarchy
MP3DEC
MP3ENC
16bit Audio
DAC(Noise Shaping
)
ASRC
1/2
1/1
、 1/2、
1/4
AUDIO BUFFER
32.768kHz
1MHz
~
50MHz
XT1
(XIN1/XOUT1 pin)
XTRTC
(XIN32K/XOUT32K pin)
AUDIO Control
SYSTEM PLL
(PLL1)
USB2.0 Host
SD0(Card Detect)
BASIC CLK
APB CLK(PCLK)
USB PHY
XT1
Plain Timer0
INTC
RTC
M3Core0
DMAC
External Memory
Controller(XMC)
SRAM/ ROM
PORT0
PORT2
XT1
SD0(Main Function)
RC
XTRTC
CLOCKEN
AUDIO
PLL
(PLL2
or
PLL3)
XT1
XTRTC
XT1
EQ3
FS256
VOLUME DEC
VOLUME SP0
VOLUME PS0
METER DEC
METER SP
0
METER PS
0
MUTE DEC
MUTE PS0
PCMPS0
PCMSP0
AudioTimer1
SINGEN
1/2
、 1/4、
1/8
BCK0
AUDCLK
MS PageBuffer
BEEP
DigitalMIC
Damp CTL
1/4
、 1/8、
1/16
1/1
、 1/2、
1/4
ENCCLK
DECCLK
1/2
1/3
FS384
PCKGEN
1/4
PHI0 pin
Multiple Timer0
Multiple Timer1
Multiple Timer2
MCLKCNTEXT1
FCLKCNT
SDCLK0
SCLK
SDRCLK
PORT1
M3Core1
LPDSP32
S−Flash I/ F
1/(1
~ 64)
SSRC
VOLUME SP1
VOLUME PS1
METER SP
1
METER PS
1
1/1
、 1/2、
1/4
、 1/8
SSRCFCLK
Plain Timer1
Plain Timer2
SCK1
SPI
SCK0
I2C0
1/
{ (2~ 256)×4}
1/
{ (2~ 65535)×8}
SCL0
I2C1
SCL1
UART0
1/
{ (2~ 65535)×8}
1/
{ (8~ 16)×
(1
~ 65536)}
UART1
1/
{ (8~ 16)×
(1
~ 65536)}
MS I/ F
1/1
、 1/2、 1/4、
1/8
、 1/16、 1/32
1/1
、 1/2、
1/4
、 1/8
1/1
、 1/2、 1/4、 1/8、
1/16
、 1/32、 1/64、
1/128
、 1/256、 1/512
SDRAM CTRL
AHB CLK(HCLK)
1/1
、 1/2、 1/4、
1/8
、 1/16
ADC
1/
{ (1~ 8) + (0~ 63)/64}
1/2
、 1/4、 1/8、
1/16
、 1/32、 1/64
ADCCLK
SD1(Card Detect)
(Internal)
SD1(Main Function)
SDCLK1
1/1
、 1/2、 1/4、 1/8、
1/16
、 1/32、 1/64、
SD2(Card Detect)
1/128
、 1/256、 1/512
SD2(Main Function)
SDCLK2
1/1
、 1/2、 1/4、 1/8、
1/16
、 1/32、 1/64、
1/128
、 1/256、 1/512
1/1
、 1/2、
1/4
、 1/8
ASRCFCLK
Multiple Timer3
PORT3
PORT4
PORT5
UART2
1/
{ (8~ 16)×
(1
~ 65536)}
Audio PLL
System PLL
OSC System
1/(1
~ 64)
1/4
1/(1
~ 64)
AHB CLK
(EXT4 only)
MCLKCNTEXT1
MCLKCNTEXT1
MCLKCNTEXT1
MCLKCNTEXT1
MCLKCNTEXT3
MCLKCNTEXT4
MCLKCNTAPB
MCLKCNTAPB
MCLKCNTEXT1
MCLKCNTEXT1
MCLKCNTBASIC
USB2.0 Device
PLL1
1/1
、 1/2、 1/4、
1/8
、 1/16
XTRTC
BCK1
MCLK0/MCLK1
(input)
1/4
AHB CLK
(HCLK)
1/4
1/2
PHI1 pin
PCMPS1
PCMSP1
AudioTimer0
1/ 1, 1/ 21/4,1/8,
1/ 16,1/32
1/ 1, 1/ 2, 1/ 4, 1/ 8,
1/ 16,1/32
MCLK0/MCLK1
(output)
[Note]
− Regarding the initial value of switches described in this figure,
refer to the appropriate documents.
− Regarding the frequency of SSRCFCCLK and ASRCFCCLK,
refer to the SSRC and ASRC Programmer’ s Model documents.
− ENCCLK frequency should be 192 * FS
while FS is Sampling Frequency of MPEG1 mode of MP3.
ex.) ENCCLK should be 8.4672MHz to make all of MP3 data
44.1/22.05/11.025KHz (MPEG1/MPEG2/MPEG2.5).
− DECCLK frequency should be 384 * FS
while FS is Sampling Frequency of MPEG1 mode of MP3.
ex.) DECCLK should be 16.9344MHz to make all of MP3 data
44.1/22.05/11.025KHz (MPEG1/MPEG2/MPEG2.5).
Class−D AMP
FS768
1/ 1, 1/ 2,
1/ 4
1/ 1, 1/ 2, 1/ 4
1/ 8, 1/ 16
FS384
FCEDAC
Cache
DAC(Main)
CORECNT
[Note]
− M3Core0, M3Core1 and LPDSP32 has additional clock gating
switch enabled by the execution of a dedicated operation.
[Note]
− Class−D AMP has additional clock source and gating switch
for being used as GPO.
FS384
FS192
XTRTC
Figure 4. Clock Hierarchy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com