Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 78 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 78 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 74Page - ON Semiconductor LC823450 Datasheet HTML 75Page - ON Semiconductor LC823450 Datasheet HTML 76Page - ON Semiconductor LC823450 Datasheet HTML 77Page - ON Semiconductor LC823450 Datasheet HTML 78Page - ON Semiconductor LC823450 Datasheet HTML 79Page - ON Semiconductor LC823450 Datasheet HTML 80Page - ON Semiconductor LC823450 Datasheet HTML 81Page - ON Semiconductor LC823450 Datasheet HTML 82Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 112 page
background image
LC823450
www.onsemi.com
78
Slave Mode
Figure 25. Slave Mode
BCK
LRCK
DIN
tBCKIH
tBCKIL
tDINS
tLRCKIS
tDINH
DOUT
tDOUT
tLRCKIH
• [Applied pin]
♦ Clock
: BCK0, BCK1
♦ Output : DOUT0, DOUT1 output
♦ Input
: LRCK0, LRCK1, DIN0, DIN1 input
Table 42.
I/O Voltage (VDD2)
1.7 V to 1.95 V / 2.7 V to 3.6 V
Unit
External
5 pF to 15 pF
I/O Drivability
4 mA
2 mA
1 mA
Item
Symbol
Min
Max
Min
Max
Min
Mix
BCKI Low Period
tBCKIL
30
−
30
−
30
−
ns
BCKI High Period
tBCKIH
30
−
30
−
30
−
ns
DIN Setup Time
tDINS
8
−
8
−
8
−
ns
DIN Hold Time
tDINH
8
−
8
−
8
−
ns
LRCK Setup Time
tLRCKIS
8
−
8
−
8
−
ns
LRCK Hold Time
tLRCKIH
8
−
8
−
8
−
ns
I/O VOLTAGE(VDD2) = 1.7 V TO 1.95 V
DOUT Delay Time
tDOUT
−10
12.1
−10
14.6
−10
19.7
ns
I/O VOLTAGE(VDD2) = 2.7 V TO 3.6 V
DOUT Delay Time
tDOUT
−10
10
−10
11.2
−10
14.7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com