Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 87 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 87 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 83Page - ON Semiconductor LC823450 Datasheet HTML 84Page - ON Semiconductor LC823450 Datasheet HTML 85Page - ON Semiconductor LC823450 Datasheet HTML 86Page - ON Semiconductor LC823450 Datasheet HTML 87Page - ON Semiconductor LC823450 Datasheet HTML 88Page - ON Semiconductor LC823450 Datasheet HTML 89Page - ON Semiconductor LC823450 Datasheet HTML 90Page - ON Semiconductor LC823450 Datasheet HTML 91Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 112 page
background image
LC823450
www.onsemi.com
87
Digital Mic Timing
• [condition]
VDD1 = 0.93 V to 1.27 V, VDD2, VDDQSPI= 1.7 V to
1.95 V or 2.7 V to 3.6 V
External load 15 pF to 40 pF
Figure 34. Digital Mic Timing
DMCKO
DMDIN
tCY
tSU
tHLD
tSU
tHLD
• [applied pin]
♦ Clock
: DMCKO0, DMCKO1
♦ Input
: DMDIN0, DMDIN1
Table 51.
Item
Symbol
Min
Typ
Max
Unit
Period of clock cycle (Note
56)
tCY
−
3.25
MHz
Clock duty
60 : 40
40:60
Data setup time
tSU
40
−
ns
Data hold time
tHLD
0
−
ns
56. Internal clock and register setting.
UART Timing
• [condition]
VDD1 = 0.93 V to 1.27 V, VDDSD2= 1.7 V to 1.95 V or
2.7 V to 3.6 V
External load 10 pF to 30 Pf (VDDSD2 = 1.7 V to 1.95
V), 10 pF to 40 pF (VDDSD2 = 2.7 V to 3.6 V)
CTS Timing
Figure 35. CTS Timing
D0
D1
D2
D3
D4
D5
D6
D7
CTS1
Start
bit
Stop
bit2
D5
D6
D7
Stop
bit
Tsetupcts
Tdlycts
Endod the last Stop Bit
Parity
bit
Stop
Bit1
Parity
bit
TXD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com