Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 51 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 51 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 47Page - ON Semiconductor LC823450 Datasheet HTML 48Page - ON Semiconductor LC823450 Datasheet HTML 49Page - ON Semiconductor LC823450 Datasheet HTML 50Page - ON Semiconductor LC823450 Datasheet HTML 51Page - ON Semiconductor LC823450 Datasheet HTML 52Page - ON Semiconductor LC823450 Datasheet HTML 53Page - ON Semiconductor LC823450 Datasheet HTML 54Page - ON Semiconductor LC823450 Datasheet HTML 55Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 112 page
background image
LC823450
www.onsemi.com
51
ELECTRICAL SPECIFICATION
Product parametric performance is indicated in the
Electrical Characteristics for the listed test conditions,
unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under
different conditions.
Table 16. MAXIMUM RATINGS (*Vss* = 0 V)
Item
Symbol
Condition
Ratings
Unit
Maximum Power Supply Voltage
Vdd1
VddRTC
VddXT1
AVddUSBPHY1
DvddUSBPHY1
AvddPLL1
AVddPLL2
−0.5 to 1.8
V
AvddDAMPL
AVddDAMPR
−0.5 to 2.5
V
Vdd2
VddSD0
VddSD1
VddSD2
VddQSPI
AvddPLL3
AvddADC
AVddUSBPHY2
−0.5 to 4.6
V
Input Voltage
VI
−0.5 to *Vdd* + 0.5
V
VIUSB
USBDP,
USBDM Terminal
−0.5 to
AVddUSBPHY2 + 0.5 (< 4.6)
V
Operating Ambient Temperature
Topr
−20 to +65
_C
Ambient Ttemperature of Preservation
Tstg
−55 to +125
_C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com