Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 97 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 97 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 93Page - ON Semiconductor LC823450 Datasheet HTML 94Page - ON Semiconductor LC823450 Datasheet HTML 95Page - ON Semiconductor LC823450 Datasheet HTML 96Page - ON Semiconductor LC823450 Datasheet HTML 97Page - ON Semiconductor LC823450 Datasheet HTML 98Page - ON Semiconductor LC823450 Datasheet HTML 99Page - ON Semiconductor LC823450 Datasheet HTML 100Page - ON Semiconductor LC823450 Datasheet HTML 101Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 112 page
background image
LC823450
www.onsemi.com
97
Class−D AMP
Figure 46. Class−D AMP
Ipp(Irms)
L
C
Headphone L−ch
LOUT
Rd
+
This LSI
Mut e
Nch Power
FET
ROUT
Power
L
C
Mut e
Ipp(Irms)
Headphone R−ch
Rd
+
0.22
μF
10 k
Ω
16
Ω
16
Ω
220
μF
220
μΗ
0
∼ 10 Ω
0.22
μF
220
μF
220
μΗ
0
∼ 10 Ω
10 k
Ω
220
μF or
more
0.1
μF
AVSSDAMPR
AVDDDAMPR
AVSSDAMPL
AVDDDAMPL
87. Add the bypass condenser (0.1
μF) between AVDDDAMPL and AVSSDAMPL, AVDDDAMPR and AVSSDAMPR as
close as possible to terminals
88. Add the large electrolyte capacitor (220
μF or more recommended) to AVDDDAMPL, AVDDDAMPR terminal to reject
the noise and reduce the pumping phenomenon of Class−D AMP.
89. Check the voltage level of AVDDDAMPL, AVDDDAMPR and make sure not to exceed 1.65 V (recommended operating
voltage) by using playback of 20 Hz, 0db (full scale) sin wave
90. Add the bypass condenser (0.1
μF) between AVDDDAMPL and AVSSDAMPL, AVDDDAMPR and AVSSDAMPR as
close as possible to terminals
91. Add the large electrolyte capacitor (220
μF or more recommended) to AVDDDAMPL, AVDDDAMPR terminal to reject
the noise and reduce the pumping phenomenon of Class−D AMP.
92. Check the voltage level of AVDDDAMPL, AVDDDAMPR and make sure not to exceed 1.65 V (recommended operating
voltage) by using playback of 20 Hz, 0db (full scale) sin wave
Output power calculation
[ condition ]
• The DC resistance element of the coil, capacitor is
small
• Maximum output amplitude = 90% (Theoretical Value
of Delta−sigma Circuit) to power supply of PWM
• Class−D AMP power supply (AvDDDAMPL,
AVDDDAMPR) = 1.2 V
• Class−D AMP Turning on resistance of internal
transistor(Ron) = 2
Ω
• Headphone load resistance(RL) = 15 Ω
• Series resistance(Rd) = 0 Ω
Assume the current that flows to the headphone to be Ipp:
Ipp = (1200 / 2)
× 0.9 / (15 + 2) = 31.7 (mA)
Irms = Ipp / SQRT(2) = 22.4 (mA)
Prms = Irms ^ 2
× 15 = 7.53 (mW)
Power Supply
Class−D AMP
power
supply
to
(AVDDDAMPL,
AVDDDAMPR) must use a transient response and good
power supply. When the power supply where the transient
response is bad is used and the capacity of the capacitor is
small, a peculiar pumping phenomenon to Class−D AMP is
generated. The power supply voltage must not exceed the
recommended
operating
range
when
the
pumping
phenomenon occurs.
Class−D AMP output is PWM. The power supply noise
affects the output of Class−D AMP.
Power sources which have large internal impedance such
as dry cell should not be directly connected to power supply
of Class−D AMP, and those which have large switching
noise such as switching regulator are not suitable and need
to be taken care of.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com