Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 59 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 59 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 55Page - ON Semiconductor LC823450 Datasheet HTML 56Page - ON Semiconductor LC823450 Datasheet HTML 57Page - ON Semiconductor LC823450 Datasheet HTML 58Page - ON Semiconductor LC823450 Datasheet HTML 59Page - ON Semiconductor LC823450 Datasheet HTML 60Page - ON Semiconductor LC823450 Datasheet HTML 61Page - ON Semiconductor LC823450 Datasheet HTML 62Page - ON Semiconductor LC823450 Datasheet HTML 63Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 112 page
background image
LC823450
www.onsemi.com
59
Table 20. DC CHARACTERISTICS (continued)
(Vdd2 = 1.7 V to 1.95 V, VddSD0 = 1.7 V to 1.95 V, VddSD1 = 1.7 V to 1.95 V, VddSD2 = 1.7 V to 1.95 V, VddQSPI = 1.7 V to 1.95 V,
AVddDAMPL = 0.93 V to 1.95 V, AVddDAMPR = 0.93 V to 1.95 V, Ta = −20
°C to +65°C)
Item
Unit
Max
Typ
Min
Condition
Pin
Symbol
Output L Voltage
VOL
(10)(11)(12)
IOL = 0.5 mA
0.4
V
(10)(13)(14)
IOL = 1 mA
0.4
V
(11)
0.4
V
(15)
0.4
V
(12)
0.4
V
(10)(13)
IOL = 2 mA
0.4
V
(11)
0.4
V
(12)
0.4
V
(16)
IOL = 3 mA
0.4
V
(17)
0.4
V
(18)
0.4
V
(19)
0.4
V
(13)
IOL = 4 mA
0.4
V
(16)
0.4
V
(17)
0.4
V
(18)
0.4
V
(19)
0.4
V
(23)
IOL = 8 mA
(Note 42)
0.4
V
(24)
IOL = 8 mA
(Note 42)
0.4
V
(16)
IOL = 5 mA
0.4
V
(17)
0.4
V
(18)
0.4
V
(19)
0.4
V
Pull−up Resister
Rup
(28)
25
75
k
W
(29)
30
200
k
W
(30)
18
50
k
W
Pull−down Resister
Rdn
(25)
25
75
k
W
(26)
30
200
k
W
Input Leak Current
IIL
(1)(2)(3)(4)
(5)(6)(7)(8)
(9)(21)
VI = Vdd*
= Vss
−
10
10
mA
Output Leak
Current
IOZ
(10)(11)(12)(13)
(14)(15)(16)(17)
(18)(19)
HiZ output
−
10
10
mA
(23)(24)
−
10
10
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
42. Set DAMPCTL register as below.
− DZCTL: DSLEEP=1. (don’t care DSL value)
− G DZINP: DZINP14=1, other DZINPx=0
This DC characteristics can be applied while Class−D AMP used as GPO
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com