Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 73 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 73 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 69Page - ON Semiconductor LC823450 Datasheet HTML 70Page - ON Semiconductor LC823450 Datasheet HTML 71Page - ON Semiconductor LC823450 Datasheet HTML 72Page - ON Semiconductor LC823450 Datasheet HTML 73Page - ON Semiconductor LC823450 Datasheet HTML 74Page - ON Semiconductor LC823450 Datasheet HTML 75Page - ON Semiconductor LC823450 Datasheet HTML 76Page - ON Semiconductor LC823450 Datasheet HTML 77Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 112 page
background image
LC823450
www.onsemi.com
73
SDRAM Interface
• [condition]
VDD1 = 0.93 V to 1.27 V, VDD2 = 1.7 V to 1.95 V or
2.7 V to 3.6 V
External load 5 to 15 pF
Figure 19. AC Characteristics − SDRAM Interface
Clock
Input
(to LSI)
Output Address
(from LSI)
Output Others
(from LSI)
tISU
tIH
tADLY
tODLY
• [applied pin]
♦ Clock
: SDRCLK
♦ Output : SDRCKE, SDRCS, SDRWE, SDRCAS,
SDRRAS, SDRDQM[1:0], SDRADDR[10:0],
SDRBA[1:0], SDRDATA[15:0] output
♦ Input
: SDRDATA[15:0] input
Table 36.
I/O Voltage (VDD2)
2.7 V to 3.6 V
1.7 V to 1.95 V
Unit
External Load
5 pF to 15 pF
I/O Drivability
4 mA
8 mA
Item
Symbol
Min
Max
Min
Max
Clock frequency
fclk
−
65
−
54
MHz
Input set−up time
tISU
8.3
−
9.9
−
ns
Input hold−up time
tIH
−1.9
−
−2.7
−
ns
Address Delay time
tADLY
1.0
21.7
0.7
27.3
ns
Output Delay time
tODLY
−2.9
3.2
−3.3
4.9
ns
55. Address becomes valid 1 cycle before the timing when CS becomes active. Address is stable while CS is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com