Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 4 Page - ON Semiconductor

  LC823450 Datasheet HTML 1Page - ON Semiconductor LC823450 Datasheet HTML 2Page - ON Semiconductor LC823450 Datasheet HTML 3Page - ON Semiconductor LC823450 Datasheet HTML 4Page - ON Semiconductor LC823450 Datasheet HTML 5Page - ON Semiconductor LC823450 Datasheet HTML 6Page - ON Semiconductor LC823450 Datasheet HTML 7Page - ON Semiconductor LC823450 Datasheet HTML 8Page - ON Semiconductor LC823450 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
LC823450
www.onsemi.com
4
Package Code and Functional Difference
Table 1. FUNCTIONAL DIFFERENCE
Function
Package Code
TA
XA, XC
XB, XD
RA
Package
TQFP128L
WLP154
LFBGA240
Cortex−M3
Dual Core
Single
Single
Dual
Dual
SDRAM Controller
Available
External Memory
Controller
8bit I/F
(LCD I/F, etc.)
8bit I/F
(LCD I/F, etc.)
Available
SD2
Available
Available
Available
10bit ADC
Conversion Speed
MAX 5 MHz
(Note 2)
MAX 20 MHz
(Note 4)
10bit ADC
Reference Voltage
VRH = AvddADC
VRL = AVssADC
(Note 3)
VRH = AVddADC
and lower
VRL = AVssADC
and higher
PCM1(PCM I/F ch1)
BCK1/LRCK1
share pins with other function
Available
Available
Available
MP3 Hard Wired Encoder
Available
Available
Available
16bit Audio DAC,
Class−D AMP
Available
Available
Available
PLL2(1 V PLL)
PLL3(3 V PLL)
Only PLL2
Available
Available
Only PLL2
XTALINFO[1:0] Input
“00”
(24 MHz)
Available
Available
Available
RTCMODE Input
“1”
(General RTC mode)
Available
Available
Available
KEYINT[2:0] Input
Available
Available
Available
External Interrupt
45 ch
61 ch
61 ch
90 ch
GPIO
45 ch
61 ch
61 ch
90 ch
1. Pin shared for multiple function. Refer to Terminal Functions for details.
2. Intentionally not used.
3. VR is open inside.
4. VRH = AvddADC, VRL = AVssADC inside.
5. Decoupling capacitor is required MAX 5 MHz in case of open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com