Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 90 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 90 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 86Page - ON Semiconductor LC823450 Datasheet HTML 87Page - ON Semiconductor LC823450 Datasheet HTML 88Page - ON Semiconductor LC823450 Datasheet HTML 89Page - ON Semiconductor LC823450 Datasheet HTML 90Page - ON Semiconductor LC823450 Datasheet HTML 91Page - ON Semiconductor LC823450 Datasheet HTML 92Page - ON Semiconductor LC823450 Datasheet HTML 93Page - ON Semiconductor LC823450 Datasheet HTML 94Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 112 page
background image
LC823450
www.onsemi.com
90
For Input from External Clock Source (XT1)
Do as follows when use the external clock signal that is
generated outside of LSI by the oscillation module, etc. The
specification about XTRTC is not available.
Figure 38. For Input from External Clock Source (XT1)
XIN
XOUT
Input H
Left open
• Input the signal of full amplitude to XIN (external
clock input)
Table 55. (FOR YOUR REFERENCE)
Item
Symbol
Min
Max
Unit
H Level Input Voltage
(Note 63)
VIH
VDDXT1 × 0.7
VDDXT1 + 0.3
V
L Level Input Voltage
(Note 63)
VIL
−0.3
VDDXT1 × 0.3
V
Hysteresis (Note 63)
VHYS
VDDXT1 × 0.1
VDDXT1 × 0.4
V
63. No VIH/VIL available to input cell of xtal oscillator.
The schmitt input of xtal oscillator is compliant with
(JEDEC Standard JESD8−12A.01 [Normal Range]).
• There is a possibility of influencing the signal quality
when there is a long wire pattern on a circuit board of
XOUT (The terminal opens). Therefore, recommend to
cut the wire pattern on a circuit board or no wire pattern
on it.
• The xtal oscillator is supposed to be used with quartz
resonator or ceramic resonator, we have no plan to
evaluate this LSI in case of external input to xtal
oscillator.
XTAL not Used
Do as follows when not use the oscillation cell.
Figure 39. XTAL not Used
XIN
XOUT
Input H
Left open
64. Supply the voltage of recommended operating range of VDDXT1/VSSXT1 (XIN1/XOUT1) even though XT1 is not used.
65. Supply the voltage of recommended operating range of VDDRTC/VSSRTC (XIN32K/XOUT32K), or recommended operating
range of Vdd1 even though XTRTC is not used
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com