Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 72 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 72 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 68Page - ON Semiconductor LC823450 Datasheet HTML 69Page - ON Semiconductor LC823450 Datasheet HTML 70Page - ON Semiconductor LC823450 Datasheet HTML 71Page - ON Semiconductor LC823450 Datasheet HTML 72Page - ON Semiconductor LC823450 Datasheet HTML 73Page - ON Semiconductor LC823450 Datasheet HTML 74Page - ON Semiconductor LC823450 Datasheet HTML 75Page - ON Semiconductor LC823450 Datasheet HTML 76Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 112 page
background image
LC823450
www.onsemi.com
72
External Memory Bus Write
Figure 18. AC Characteristics − External Memory Bus Write
Timing
PHI
(ARM AHB clock)
NWRENWRL
EXD[15:0]
EXA[20:1]
T
EXWDS
T
EXWDH
T
EXWSW
T
EXWSSCS
T
EXWSH
NCS0, NCS1
NHBNWRH,
NLBEXA0
T
EXWSSA
T
EXWSH
Table 35.
Item
Symbol
Min
Typ
Max
Unit
CPUclock Cycle Time
TEXCYC
−
1T
−
ns
Read Data Access Time
TEXACC1
−
−
13
ns
TEXACC2
−
−
Tacs + 13
ns
TEXACC3
−
−
Tacs + Tcos + 12
ns
Read Data Setup Time
TEXRDS
20
−
−
ns
Read Data Hold Time
TEXRDH
0
−
−
ns
Read Strobe Pulse Width
TEXRSW
Tpgwt +1 Tsub −12
−
−
ns
Write Strobe Pulse Width
TEXWSW (Note
54)
Tpgwt + 1 Tsub−5
−
−
ns
Write Address Setup Time
TEXWSSA
Tacs+Tcos + 0.5 Tsub−10
−
−
ns
Write Strobe Setup Time
TEXWSSCS
Tcos +0.5 Tsub −5
−
−
ns
Write Strobe Hold Time
TEXWSH
Tcoh + 0.5 Tsub−5
−
−
ns
Write Data Setup Time
TEXWDS (Note 54)
Tcos+ Tpgwt +1 Tsub −10
−
−
ns
Write Data Hold Time
TEXWDH
Tcoh + 0.5 Tsub−10
−
Tcoh + 0.5 Tsub
ns
54. T: BASIC clock rate (frequency = Farm)
Regarding Tacs, Tcos, Tpgwt, Tcoh, refer to the external
memory controller (XMC) specification Programmers
Model_XMC.
Even when Tpgwt (programmable wait register) = 1,
equivalent to Tpgwt = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com