Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 65 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 65 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 61Page - ON Semiconductor LC823450 Datasheet HTML 62Page - ON Semiconductor LC823450 Datasheet HTML 63Page - ON Semiconductor LC823450 Datasheet HTML 64Page - ON Semiconductor LC823450 Datasheet HTML 65Page - ON Semiconductor LC823450 Datasheet HTML 66Page - ON Semiconductor LC823450 Datasheet HTML 67Page - ON Semiconductor LC823450 Datasheet HTML 68Page - ON Semiconductor LC823450 Datasheet HTML 69Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 112 page
background image
LC823450
www.onsemi.com
65
− In case of VR terminal is not decoupled(include the products w/o VR terminal)
Figure 9.
♦ Fc = Fs
× (Ns + Nc)
USB2.0 PHY Characteristics
Table 29. USB2.0 PHY CHARACTERISTICS
(TA = 25°C, VDD1 = 1.2 V, AVDDUSBPHY1 = DVDDUSBPHY1 = 1.2 V, AVDDUSBPHY2 = 3.3 V)
Item
Symbol
Condition
Min
Max
Unit
INPUT LEVELS FOR FULL−SPEED:
High−level Input Voltage (Drive)
VIH
2.0
V
High−level Input Voltage (Floating)
VIHZ
2.7
3.6
Low−level Input Voltage
VIL
0.8
V
Differential Input Sensitivity
VDI
|(D+) − (D−)|
0.2
V
Differential Common Mode Range
VCM
Includes VDI range
Figure 10
0.8
2.5
V
OUTPUT LEVELS FOR FULL−SPEED:
High−level Output Voltage
VOH
RL of 14.25 kΩ to
VSS
2.8
3.6
V
Low−level Output Voltage
VOL
RL of 1.425 kΩ to
3.6 V
0.0
0.3
V
SE1
VOSE1
0.8
V
Output Signal Crossover Point Voltage
VCRS
Figure 10
1.3
2.0
V
INPUT CAPACITANCE FOR FULL−SPEED:
Downstream Facing Port (beginning shared with
Upstream Facing Port at Device mode, so the less
value is selected as the maximum spec)
CIND
(VINUB)
100
pF
Transceiver Edge Rate Control Capacitance
CEDGE
75
pF
TERMINATION IN FULL−SPEED:
Bus Pull−Up Resistor on Upstream Port (Idle Bus)
(This is Used only for the Device Mode
(RPUENXEN = ‘0’ Setting))
RPUI
0.9
1.575
k
Ω
Bus Pull−Up Resistor on Upstream Port
(Upstream Port Receiving)
(This is Used Only for the Device Mode
(RPUENXEN = ‘0’ Setting))
RPUA
1.425
3.090
k
Ω
Input Impedance Exclusive of pullup/pulldown
ZINP
300
k
Ω
Termination Voltage on Upstream Port Pull−Up
VTERM
3.0
3.6
V
DRIVER CHARACTERISTICS IN FULL−SPEED:
Rise Time (10% − 90%)
TFR
4
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com