Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 32 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 28Page - ON Semiconductor LC823450 Datasheet HTML 29Page - ON Semiconductor LC823450 Datasheet HTML 30Page - ON Semiconductor LC823450 Datasheet HTML 31Page - ON Semiconductor LC823450 Datasheet HTML 32Page - ON Semiconductor LC823450 Datasheet HTML 33Page - ON Semiconductor LC823450 Datasheet HTML 34Page - ON Semiconductor LC823450 Datasheet HTML 35Page - ON Semiconductor LC823450 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 112 page
background image
LC823450
www.onsemi.com
32
SDIF PullUp
In case of boot mode using SDIF port, internal PullUp
resistor is used (SDCMD0, SDAT0[3:0] / SDCMD1,
SDAT1[3:0]). So, external PullUp resistor is not required on
board.
QSCS PullUp
In case of boot mode using QSCS, PullUp of
GPIO03(QSCS) is active by the hard reset. After GPIO2E
is set to high, GPIO03 set to QSCS and PullUp set to
inactive.
In case of Hi−z boot, PullUp is forced to inactive.
GPIO2F
During boot, GPIO2F is used as GPIO and indicates boot
status and error occurrence by output of Low/High
.
When errors occur during boot sequences, for example
writing of IPL2, GPIO2F reports the sort of error. GPIO0F
can indicate the status of USB connection and the
completion of USB file transfer. And Delete Mode,
completion of Erase, and status of Erase can be reported by
sequence of Low/High
.
For more detail about the behavior of ports used during
boot, refer to the document LC823450 Series IPL
specification.
PIN ASSIGNMENT
Table 13. PIN ASSIGNMENT
I/O
Input Type
Output Type
I
Input
CMOS
CMOS Input
3−State
Tristate Output
O
Output
schmitt
schmitt Input
OD
Open Drain Output
B
Bidirectional
X
Xtal
X
Xtal
P
Power
3A
3.3 V analog
3A
3.3 V analog
NC
Non Connect
1A
1.0 V analog
1A
1.0/1.2 V analog
Drive (example)
PU/PD
IO Circuit Type
4 mA
3.3 V 4 mA Output
PU
Pull−up resister
Refer to Page 30 for circuit diagram
4/8 mA
3.3 V with
4 mA, 8 mA output
drivability switch
PD
Pull−down resister
0.3 mA−OD
1.0 V 0.3 mA
open drain
Output
PU/PD
Pull−up,
pull−down resister
Table 14.
LFBGA240
TQFP128L
WLP154
Pin Name
I/O
Input
Type
Output
Type
Drive
PU/PD
IO
Pwr Grp
IO
Circuit Type
No.
Ball
No.
No
Ball
1
R16
−
−
SDRDATA2
B
CMOS
3−State
2/4/8 mA
PD
Vdd2
3ICD/3T2
(4)(8)
2
N14
1
1
M11
Vss
G
3
P15
2
2
N12
Vdd2
P
4
P16
3
3
H8
TCLKA0/
BCK1/
GPIO00/
EXTINT00
I/
B/
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)
5
N15
−
−
SDRDATA3
B
CMOS
3−State
2/4/8 mA
PD
Vdd2
3ICD/3T2
(4)(8)
6
N16
4
4
L10
TCLKB0/
LRCK1/
GPIO01/
EXTINT01
I/
B/
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)
7
M16
−
5
K9
NHBNWRH/
TXD0/
GPIO31/
EXTINT31
O/
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
8
M15
−
6
N11
NCS1/
RXD0/
GPIO10/
EXTINT10
O/
I/
B/
I
Schmitt
3−State
2/4/8 mA
PU
Vdd2
3ISU/3T2
(4)(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com