Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 37 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 37 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 33Page - ON Semiconductor LC823450 Datasheet HTML 34Page - ON Semiconductor LC823450 Datasheet HTML 35Page - ON Semiconductor LC823450 Datasheet HTML 36Page - ON Semiconductor LC823450 Datasheet HTML 37Page - ON Semiconductor LC823450 Datasheet HTML 38Page - ON Semiconductor LC823450 Datasheet HTML 39Page - ON Semiconductor LC823450 Datasheet HTML 40Page - ON Semiconductor LC823450 Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 112 page
background image
LC823450
www.onsemi.com
37
Table 14.
LFBGA240
IO
Circuit Type
IO
Pwr Grp
PU/PD
Drive
Output
Type
Input
Type
I/O
Pin Name
WLP154
TQFP128L
No.
IO
Circuit Type
IO
Pwr Grp
PU/PD
Drive
Output
Type
Input
Type
I/O
Pin Name
Ball
No
No.
Ball
129
E4
−
−
EXA8/
GPIO39/
EXTINT39
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
130
E5
67
80
C3
SDO0/
GPIO1F/
EXTINT1F
O/
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)
131
D1
68
81
D4
Vss
G
132
D2
69
82
A2
Vdd2
P
133
F4
−
−
EXA9/
GPIO3A/
EXTINT3A
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
134
F5
−
−
EXA10/
GPIO3B/
EXTINT3B
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
135
G5
−
−
EXA11/
GPIO3C/
EXTINT3C
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
136
G4
70
83
B3
SCK0/
GPIO1D/
EXTINT1D
B/
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)
137
G6
−
−
EXA12/
GPIO3D/
EXTINT3D
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
138
H4
71
84
A3
SWDCLK/
GPIO58/
EXTINT58/
DMCKO1
I/
B/
I/
O
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)
139
H5
−
−
EXA13/
GPIO3E/
EXTINT3E
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
140
H6
72
85
F6
SDI0/
GPIO1E/
EXTINT1E
I/
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
Vdd2
3ISUD/3T1
(2)(4)
141
J4
−
−
EXA14/
GPIO3F/
EXTINT3F
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
142
J5
73
86
C4
SWDIO/
GPIO59/
EXTINT59/
DMDIN1
B/
B/
I/
I
Schmitt
3−State
2 mA
PU
Vdd2
3ISU/3T2
143
H7
−
87
E5
EXD2/
GPIO48/
EXTINT48
B/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
144
J6
−
88
A4
EXD3/
GPIO49/
EXTINT49
B/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
145
E3
74
89
B4
Vdd1
P
146
F3
−
−
Vdd2
P
147
G3
−
90
D5
Vss
G
148
K6
−
−
EXA15/
GPIO40/
EXTINT40
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
149
K5
−
−
EXA16/
GPIO41/
EXTINT41
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
150
L5
−
−
EXA17/
GPIO42/
EXTINT42
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
151
M4
−
−
EXA18/
GPIO43/
EXTINT43
O/
B/
I
Schmitt
3−State
2/4/8 mA
PD
Vdd2
3ISD/3T2
(4)(8)
152
K4
−
−
Vss
G
153
E2
−
−
DVddUSBPHY1
P
154
F2
75
91
A5
AVddUSBPHY1
P
155
G2
76
92
C5
AVssUSBPHY
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com