Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 64 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 64 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 60Page - ON Semiconductor LC823450 Datasheet HTML 61Page - ON Semiconductor LC823450 Datasheet HTML 62Page - ON Semiconductor LC823450 Datasheet HTML 63Page - ON Semiconductor LC823450 Datasheet HTML 64Page - ON Semiconductor LC823450 Datasheet HTML 65Page - ON Semiconductor LC823450 Datasheet HTML 66Page - ON Semiconductor LC823450 Datasheet HTML 67Page - ON Semiconductor LC823450 Datasheet HTML 68Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 112 page
background image
LC823450
www.onsemi.com
64
Table 28. 10BIT ADC CONVERTER CHARACTERISTIC (continued)
(TA = 25°C, VDD1 = 1.2 V, AVDDADC = 3.0 V, FVIN = 1 kHz (Note 42))
Item
Pin
Applied
Unit
Max
Typ
Min
Condition
Symbol
While it Stabilizes of Ladder
(Resumption Time)
Tstr
−
−
(Note 2)
0 Scale Offset Voltage (Transit
Voltage from 0 to 1)
VZT
(Note 47)
Typ−20
VRL +
(VRH−VRL)/
1024
Typ +20
mV
AN[5:0]
Full−scale Offset Voltage (Transit
Voltage from 1022 to 1023)
VFST
(Note 47)
Typ−20
VRH −
(VRH−VRL)/
1024
Typ +20
mV
AN[5:0]
Differential Linearity Error
DNL
(Note 48)
−1.5
−
+1.5
LSB
AN[5:0]
Linearity Error
INL
(Note 48)
−2.0
−
+2.0
LSB
AN[5:0]
*Each electrical specification is the results of simulation.
42. Each electrical characteristic is specified under the condition which VR terminal is connected with analog ground through 0.1
μF decoupling
capacitor and the voltage is independently supplied to VRH and VRL.
43. A normal conversion result is not obtained immediately after the power supply turning on and immediately after the return from the state of
the power down. The time to get a normal performance depends on the state of the terminal VR as shown in the following table.
For example, it takes about 2 ms until a normal conversion result can be obtained when VR terminal is connected with analog ground through
0.1
μF decoupling capacitor.
Terminal VR
TSTR
Decoupled
1.0 ms
× CREF × 0.047 μF
Not Decoupled
(Include no VR Terminal)
1
μs
44. Between VRH and VRL
45. The terminal VR is decoupled.
46. The terminal VR is not decoupled (include no VR terminal)
47. VZT, VFST depend on analog driver output impedance(Rimp) of AN[5:0]
Rimp(
W)
VZT
VFST
Min
Typ
Max
Min
Typ
Max
1000
typ − 20
VRL+(VRH−VRL)/1024
typ + 20
typ − 20
VRH−(VRH−VRL)/1024
typ + 20
10000
typ − 32
VRL+(VRH−VRL)/1024
typ + 20
typ − 20
VRH−(VRH−VRL)/1024
typ + 25
100000
typ − 125
VRL+(VRH−VRL)/1024
typ + 20
typ − 35
VRH−(VRH−VRL)/1024
typ + 65
48. 1LSB = (VFST−VZT)/1022 , INLn = ((1LSB x n+VZT)−Vn)/1LSB , DNLn = (Vn+1−Vn)/1LSB−1
INL depends on analog driver output impedance(Rimp) of AN[5:0]
49. Tstc(ADC sample holding time) must satisfy following formula, too.
Tstc > tA ( Tstc = (1/Fc)
× Ns )
♦ Fc: Frequency of reference clock of ADC(AD_CLK).
Refer to ADC specifications for the method of generating AD_CLK.
♦ Ns: Fadcsmpl + 1.
fADCSMPL can be set by the register. Refer to ADC specifications.
♦ tA: Time decided by output impedance (Rimp) of analog input driver of AN[5:0] (value of tA)
− In case of VR terminal is decoupled
Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com