Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 34 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 34 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 30Page - ON Semiconductor LC823450 Datasheet HTML 31Page - ON Semiconductor LC823450 Datasheet HTML 32Page - ON Semiconductor LC823450 Datasheet HTML 33Page - ON Semiconductor LC823450 Datasheet HTML 34Page - ON Semiconductor LC823450 Datasheet HTML 35Page - ON Semiconductor LC823450 Datasheet HTML 36Page - ON Semiconductor LC823450 Datasheet HTML 37Page - ON Semiconductor LC823450 Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 112 page
background image
LC823450
www.onsemi.com
34
Table 14.
LFBGA240
IO
Circuit Type
IO
Pwr Grp
PU/PD
Drive
Output
Type
Input
Type
I/O
Pin Name
WLP154
TQFP128L
No.
IO
Circuit Type
IO
Pwr Grp
PU/PD
Drive
Output
Type
Input
Type
I/O
Pin Name
Ball
No
No.
Ball
37
G13
15
21
J7
RXD2/
TIOCA11/
GPIO0C/
EXTINT0C
I/
B/
B/
I
Schmitt
3−State
1/2/4 mA
PU/PD
VddQSPI
3ISUD/3T1
(2)(4)
38
G12
16
22
N6
TDI/
SDCD1/
SWO/
GPIO20/
EXTINT20
I/
I/
O/
B/
I
Schmitt
3−State
2 mA
PU/PD
VddSD1
3ISUD/3T2
39
G11
17
23
M6
TDO/
SDWP1/
INS/
GPIO21/
EXTINT21
O/
I/
I/
B/
I
Schmitt
3−State
2 mA
PU/PD
VddSD1
3ISUD/3T2
40
F16
18
24
L6
SDCMD1/
BS/
GPIO23/
EXTINT23
B/
O/
B/
I
CMOS
3−State
6/8/10 mA
PU/PD
VddSD1
3ICUD/3T6
(8)(10)
41
F15
19
25
K6
SDAT10/
DATA0/
GPIO24/
EXTINT24
B/
B/
B/
I
CMOS
3−State
6/8/10 mA
PU/PD
VddSD1
3ICUD/3T6
(8)(10)
42
F14
20
26
N5
VddSD1
P
43
E14
21
27
M5
SDAT11/
DATA1/
GPIO25/
EXTINT25
B/
B/
B/
I
CMOS
3−State
6/8/10 mA
PU/PD
VddSD1
3ICUD/3T6
(8)(10)
44
F13
22
28
L5
Vss
G
45
E16
23
29
J6
SDAT12/
DATA2/
GPIO26/
EXTINT26
B/
B/
B/
I
CMOS
3−State
6/8/10 mA
PU/PD
VddSD1
3ICUD/3T6
(8)(10)
46
E15
24
30
N4
SDAT13/
DATA3/
GPIO27/
EXTINT27
B/
B/
B/
I
CMOS
3−State
6/8/10 mA
PU/PD
VddSD1
3ICUD/3T6
(8)(10)
47
D16
25
31
M4
SDCLK1/
SCLK/
GPIO22/
EXTINT22
O/
O/
B/
I
CMOS
3−State
6/8/10 mA
PU/PD
VddSD1
3ICUD/3T6
(8)(10)
48
F12
−
−
SDRADDR8
O
−
3−State
2/4/8 mA
Vdd2
3T2 (4)(8)
49
E12
−
−
SDRADDR9
O
−
3−State
2/4/8 mA
Vdd2
3T2 (4)(8)
50
F11
−
−
SDRADDR10
O
−
3−State
2/4/8 mA
Vdd2
3T2 (4)(8)
51
E13
26
32
L4
Vdd1
P
52
D13
27
33
N3
Vss
G
53
D14
28
34
N2
Vdd2
P
54
D15
−
−
SDRBA0
O
−
3−State
2/4/8 mA
Vdd2
3T2 (4)(8)
55
C16
−
−
SDRBA1
O
−
3−State
2/4/8 mA
Vdd2
3T2 (4)(8)
56
C15
−
−
SDRCAS
O
−
3−State
2/4/8 mA
Vdd2
3T2 (4)(8)
57
C14
−
−
SDRRAS
O
−
3−State
2/4/8 mA
Vdd2
3T2 (4)(8)
58
B16
−
−
Vdd2
P
59
B15
−
−
Vss
G
60
A16
−
−
SDRCKE
O
−
3−State
2/4/8 mA
Vdd2
3T2 (4)(8)
61
A15
−
−
SDRCLK
O
−
3−State
2/4/8 mA
Vdd2
3T2 (4)(8)
62
A14
29
35
M3
SDCLK0
O
CMOS
3−State
6/8/10 mA
VddSD0
3IC/3T6
(8)(10)
63
B14
30
36
K5
SDCMD0
B
CMOS
3−State
6/8/10 mA
PU/PD
VddSD0
3ICUD/3T6
(8)(10)
64
C12
31
37
N1
VddSD0
P
65
B13
32
38
L3
SDAT00
B
CMOS
3−State
6/8/10 mA
PU/PD
VddSD0
3ICUD/3T6
(8)(10)
66
C13
33
39
M2
Vss
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com