Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 91 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 91 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 87Page - ON Semiconductor LC823450 Datasheet HTML 88Page - ON Semiconductor LC823450 Datasheet HTML 89Page - ON Semiconductor LC823450 Datasheet HTML 90Page - ON Semiconductor LC823450 Datasheet HTML 91Page - ON Semiconductor LC823450 Datasheet HTML 92Page - ON Semiconductor LC823450 Datasheet HTML 93Page - ON Semiconductor LC823450 Datasheet HTML 94Page - ON Semiconductor LC823450 Datasheet HTML 95Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 112 page
background image
LC823450
www.onsemi.com
91
PLL1 (System)
The figure below shows the PLL1 circuit. Place the
decoupling capacitor in the terminal neighborhood on the
board, and keep low noise by apart from other power supply
lines.
Figure 40. PLL1 (System)
VCNT1
R1
C1
C2
+
C4
C3
R2
AVSSPLL1
AVDDPLL1
AVSSPLL1
AVDDPLL1
Table 56. PLL1 (SYSTEM)
Symbol
Value1 (Note 67)
Value2 (Note 68)
Serial Number or Accuracy
R1
100
Ω
100
Ω
±5%
R2
*M
Ω
*M
Ω
±5%
C1
4.7
μF
0.1
μF
capacitor
:±10%
temperature
:±15%
(
−20_C to +65_C )
C2
0.047
μF
0.001
μF
C3
0.1
μF
0.1
μF
C4
33
μF
33
μF
16CV33BS
66. C4: refers to the part of mounting on the catalog of our company (CV−B S Series).
67. appropriate value for Fref
≥ 32.768 kHz.
68. appropriate value for Fref
≥ 1 Mhz.
69. Use R2 basically by unmounting.
The characteristic of PLL might be improved by mounting R2. Prepare the wire pattern.
70. The values of parts are for reference. There is a possibility that the adjustment is needed according to the situation of the set.
71. Connect with decoupling capacitor in the terminal neighborhood on the board, and keep low noise by apart from other power supply lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com