Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC823450 Datasheet(PDF) 28 Page - ON Semiconductor

Part # LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 24Page - ON Semiconductor LC823450 Datasheet HTML 25Page - ON Semiconductor LC823450 Datasheet HTML 26Page - ON Semiconductor LC823450 Datasheet HTML 27Page - ON Semiconductor LC823450 Datasheet HTML 28Page - ON Semiconductor LC823450 Datasheet HTML 29Page - ON Semiconductor LC823450 Datasheet HTML 30Page - ON Semiconductor LC823450 Datasheet HTML 31Page - ON Semiconductor LC823450 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 112 page
background image
LC823450
www.onsemi.com
28
Table 10. TERMINAL FUNCTIONS (continued)
Terminal Name
Available (
d)
IO
POWER
Function
Direction
Polarity
Multiplexed
Function
RA
XB,XD
XA,XC
TA
IO
POWER
OTHER, POWER
BMODE[1:0]
−
B
Bootmodeselect
Vdd2
d
d
d
d
TEST
Pos
I
Test mode (normally connect to
ground)
Vdd2
d
d
d
d
NRES
Neg
I
LSI reset Input
Vdd2
d
d
d
d
Vdd1
−
P
Digital core power
−
d
7
d
7
d
7
d
8
Vdd2
−
P
Digital IO power
−
d
8
d
8
d
8
d
15
VddSD0
−
P
Digital IO power
(SDI/F Ch0)
−
d
d
d
d
VddSD1
−
P
Digital IO power (SD(MS)I/F Ch1)
−
d
d
d
d
VddSD2
−
P
Digital IO power
(SDI/F Ch2)
−
d
d
d
d
VddQSPI
−
P
Digital IO power (QSPI)
−
d
12
d
14
d
14
d
23
Sum
35
37
37
54
All Sum
128
154
154
240
7. This function is not available
8. Set according to the General RTC mode or KeyInt RTC mode. Bonding internally for “TA” product as described on Page 7.
9. SDRAM address bit is 13bit including SDRADDR [12:11].
10. Set according to the frequency of XT1 (12/20/24/48 MHz).
Bonding internally for “TA’’ product as described on Page 5.
11. Audio clock is generated by one of PLL2 (1 V) or PLL3 (3 V).
One of PLL2 or PLL3 is available for “TA” and “RA” product. Please refer to Page 5 for more information.
Both of PLL2 and PLL3 are available for “XA”,“XB”, “XC” and “XD” products.
12. Audio clock is generated by one of PLL2 (1 V) or PLL3 (3 V).
One of PLL2 or PLL3 is available for “TA” and “RA” product. Please refer to Page 5 for more information.
Both of PLL2 and PLL3 are available for “XA”,“XB”, “XC” and “XD” products.
13. Analog ground is shared by PLL2 and PLL3.
14. Unused Input terminals and input state terminals of bidirectional should be set Pull−up/Down resister ON or connect to digital power supply or ground
(don’t let open).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com